Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1967 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1967
Description  Fan Motor 2-Phase Half-Wave Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1967 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1967 Datasheet HTML 1Page - Sanyo Semicon Device LB1967 Datasheet HTML 2Page - Sanyo Semicon Device LB1967 Datasheet HTML 3Page - Sanyo Semicon Device LB1967 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LB1967M
No. 6115-3/4
Sample Application Circuit
5/12V power supply (3.8 to 17V)
Precautions
• Wiring layout for IN– and OUT1 must be designed to prevent interference.
• If the wiring between the Hall element and the IC input is long, noise interference may lead to chattering in the FG
output waveform. In this case, insert a capacitor with 0.01 to 0.001
µF between IN+ and IN–.
• If CT pin is connected to GND, the lockup protection and restart functions are disabled.
• In a circuit configuration as shown above, a current-GND reverse connection will cause a current to flow as follows:
GND -> OUT -> coil -> power supply. The magnitude of this current is limited by the coil resistance. If it is less
than 500 mA, the IC will not be destroyed. If required, insert a diode between VCC and the coil.
H
IN+
VCC
GND
IN–
CT
OUT1
OUT2
FG
On-board parts
A12232
10
6
9
4
2
5
7
1
10k
Ω
0.01
µF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com