Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHT431
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT431 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHT431 Datasheet HTML 1Page - Diodes Incorporated ZHT431 Datasheet HTML 2Page - Diodes Incorporated ZHT431 Datasheet HTML 3Page - Diodes Incorporated ZHT431 Datasheet HTML 4Page - Diodes Incorporated ZHT431 Datasheet HTML 5Page - Diodes Incorporated ZHT431 Datasheet HTML 6Page - Diodes Incorporated ZHT431 Datasheet HTML 7Page - Diodes Incorporated ZHT431 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZHT431
ZHT431
Document number: DS32157 Rev. 11 - 2
1 of 8
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Description
The ZHT431 is a three terminal adjustable shunt regulator
offering excellent temperature stability and output current
handling capability up to 100mA. The device offers
extended operating temperature range working from -55 to
+125°C.
The output voltage may be set to any chosen voltage
between 2.5 and 20 volts by selection of two external
divider resistors.
The devices can be used as a replacement for zener
diodes in many applications requiring an improvement in
zener performance.
Pin Assignments
Features
•
Surface mount SOT23 package
•
0.5%, 1% and 2% tolerance
•
Maximum temperature coefficient 67ppm/°C
•
Temperature compensated for operation over the full
temperature range
•
Programmable output voltage
•
50
μA to 100mA current sink capability
•
Low output noise
•
Available in “Green” Molding Compound (See page 7)
•
Wide temperature range -55 to +125°C
Applications
•
Series and shunt regulator
•
Voltage monitor
•
Over voltage / under voltage protection
•
Switch mode power supplies
Typical Application Circuit
GND
VZ
VREF
(Top View)
SOT23


Similar Part No. - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT431 ZETEX-ZHT431 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZHT431 ZETEX-ZHT431 Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
logo
Diodes Incorporated
ZHT431 DIODES-ZHT431 Datasheet
314Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 12
logo
Zetex Semiconductors
ZHT431C01 ZETEX-ZHT431C01 Datasheet
109Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZHT431C01L ZETEX-ZHT431C01L Datasheet
483Kb / 12P
Adjustable precision Zener shunt regulator
More results

Similar Description - ZHT431

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 1997
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com