Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1216ACX Datasheet(PDF) 3 Page - FIDELIX

Part # FMP1216ACX
Description  8M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1216ACX Datasheet(HTML) 3 Page - FIDELIX

  FMP1216ACX Datasheet HTML 1Page - FIDELIX FMP1216ACX Datasheet HTML 2Page - FIDELIX FMP1216ACX Datasheet HTML 3Page - FIDELIX FMP1216ACX Datasheet HTML 4Page - FIDELIX FMP1216ACX Datasheet HTML 5Page - FIDELIX FMP1216ACX Datasheet HTML 6Page - FIDELIX FMP1216ACX Datasheet HTML 7Page - FIDELIX FMP1216ACX Datasheet HTML 8Page - FIDELIX FMP1216ACX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FMP1216ACx
CMOS LPRAM
PRODUCT LIST
Part Name
Function
Part Name
Function
FMP1216ACx-H70E
70ns, VCC=1.8V, VCCQ=1.8V
FUNCTIONAL DESCRIPTION
1. H=FBGA(Pb-Free & Halogen Free), W=WAFER
2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
/CS
/ZZ
/OE
/WE
/LB
/UB
I/O1-8
I/O9-16
Mode
Power
HH
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
LX1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Direct DPD2)
HL
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Low Power Modes3)
L
HHH
X1)
X1)
High-Z
High-Z
Output Disabled
Active
L
H
H
H
High-Z
High-Z
Output Disabled
Active
L
H
Dout
High-Z
Lower Byte Read
Active
1. X means don’t care.(Must be low or high state)
2 I
f FMP1216AC2 & FMP1216AC5
d t
LH
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
Dout
Dout
Word Read
Active
X1)
L
H
H
High-Z
High-Z
Write-abort4)
Active
L
H
Din
High-Z
Lower Byte Write
Active
H
L
High-Z
Din
Upper Byte Write
Active
L
L
Din
Din
Word Write
Active
ABSOLUTE MAXIMUM RATINGS1)
Item
Symbol
Ratings
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-0.5 to Vcc+0.3V
V
Voltage on Vcc supply relative to Vss
Vcc
-0.2 to 2.45
V
Power Dissipation
PD
1.0
W
2. In case of FMP1216AC2 & FMP1216AC5 product
3. In case of FMP1216AC1 & FMP1216AC4 product
Storage temperature
TSTG
-55 to 150
’C
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to
recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
FMP1216ACx
Item
Symbol
FMP1216ACx
Unit
Min
Max
Supply voltage
VCC
1.7
1.95
V
I/O operating voltage (VCCQ ≤ VCC)
VCCQ
1.7
1.95
V
Ground
VSS
00
V
Input high voltage
VIH
0.8VCCQ
VCC+0.21)
V
Input low voltage
VIL
-0.22)
0.2VCCQ
V
Note :
Revision 0.1
Oct. 2010
3
1. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
2. Undershoot : -1.0V in case of pulse width≤20ns.
3. Overshoot and undershoot are sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com