Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1617DA0 Datasheet(PDF) 4 Page - FIDELIX

Part # FMP1617DA0
Description  1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DA0 Datasheet(HTML) 4 Page - FIDELIX

  FMP1617DA0 Datasheet HTML 1Page - FIDELIX FMP1617DA0 Datasheet HTML 2Page - FIDELIX FMP1617DA0 Datasheet HTML 3Page - FIDELIX FMP1617DA0 Datasheet HTML 4Page - FIDELIX FMP1617DA0 Datasheet HTML 5Page - FIDELIX FMP1617DA0 Datasheet HTML 6Page - FIDELIX FMP1617DA0 Datasheet HTML 7Page - FIDELIX FMP1617DA0 Datasheet HTML 8Page - FIDELIX FMP1617DA0 Datasheet HTML 9Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FMP1617DA0(7)
CMOS LPRAM
Revision 0.2
Jul. 2010
4
DC AND OPERATING CHARACTERISTICS
1. Capacitance is sampled, not 100% tested.
CAPACITANCE1) (f=1MHz , T
A=25’C)
8
8
Max
-
-
Min
pF
VIO=0V
CIO
Input/Output capacitance
pF
VIN=0V
CIN
Input capacitance
Unit
Test Condition
Symbol
Item
uA
100
-
/CS≥VCC-0.2V, CS2≥VCC-0.2V, Other inputs=0~VCC
ISB1
Standby Current(CMOS)
uA
1
-1
/CS=VIH, CS2=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC
ILO
Output leakage current
uA
1
-1
VIN=VSS to VCC
ILI
Input leakage current
mA
3
-
Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, CS2=VIH,
VIN≤0.2V or VIN≥VCC-0.2V
ICC1
Average operating current
V
0.2VCCQ
IOL=0.5mA
VOL
Output low voltage
mA
20
-
Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, CS2=VIH,
VIN=VIL or VIH
ICC2
V
0.8VCCQ
IOH=-0.5mA
VOH
Output high voltage
0.3
Max
-
Min
mA
/CS=VIH, CS2=VIH, Other inputs=VIH or VIL
ISB
Standby Current(TTL)
Unit
Test Conditions
Symbol
Item
-10℃ to +60℃
Special
FMP1617DA0(7)-XxxS
0℃ to +70℃
Commercial
FMP1617DA0(7)-XxxC
-25℃ to +85℃
Extended
FMP1617DA0(7)-XxxE
2.7V to VCC
2.7V to 3.3V
-40℃ to +85℃
Industrial
FMP1617DA0(7)-XxxI
VCCQ
VCC
Ambient Temperature
Range
Device
Operating Range
AC Input/Output Reference Waveform
NOTE:
1. AC test inputs are driven at VCCQ for a logic 1 and VSS for a logic 0. Input rise and fall times (10% to 90%) < 1.6ns.
2. Input timing begins at VCCQ/2.
3. Output timing ends at VCCQ/2.
AC Output Load Circuit
DUT
50Ω
30pF
Test Point
VCCQ/2
Test Points
VCCQ/23
VCCQ/2 2
VCCQ
VSS
Input1
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com