Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1617DA0 Datasheet(PDF) 3 Page - FIDELIX

Part # FMP1617DA0
Description  1M x 16bit Super Low Power and Low Voltage Full CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DA0 Datasheet(HTML) 3 Page - FIDELIX

  FMP1617DA0 Datasheet HTML 1Page - FIDELIX FMP1617DA0 Datasheet HTML 2Page - FIDELIX FMP1617DA0 Datasheet HTML 3Page - FIDELIX FMP1617DA0 Datasheet HTML 4Page - FIDELIX FMP1617DA0 Datasheet HTML 5Page - FIDELIX FMP1617DA0 Datasheet HTML 6Page - FIDELIX FMP1617DA0 Datasheet HTML 7Page - FIDELIX FMP1617DA0 Datasheet HTML 8Page - FIDELIX FMP1617DA0 Datasheet HTML 9Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FMP1617DA0(7)
CMOS LPRAM
Revision 0.2
Jul. 2010
3
PRODUCT LIST
60ns, VCC=3.0V, VCCQ=3.0V
70ns, VCC=3.0V, VCCQ=3.0V
FMP1617DA0(7)-H60E
FMP1617DA0(7)-H70E
Function
Part Name
FUNCTIONAL DESCRIPTION
1. X means don’t care.(Must be low or high state)
1. H=FBGA(Pb-Free & Halogen Free), W=WAFER
2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to
recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Note :
1. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
2. Undershoot : -1.0V in case of pulse width≤20ns.
3. Overshoot and undershoot are sampled, not 100% tested.
’C
-65 to 150
TSTG
Storage temperature
W
1.0
PD
Power Dissipation
V
-0.2 to 3.6
VCC
Voltage on VCC supply relative to VSS
V
-0.5 to VCC+0.3V
VIN, VOUT
Voltage on any pin relative to VSS
Unit
Ratings
Symbol
Item
Item
Symbol
FMP1617DA0(7)
Unit
Min
Typ
Max
Supply voltage
VCC
2.7
3.0V
3.3
V
I/O operating voltage (VCCQ ≤ VCC)
VCCQ
2.7
3.0V
3.3
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
0.8VCCQ
VCCQ
VCC+0.21)
V
Input low voltage
VIL
-0.22)
00.2VCCQ
V
Active
Word Write
Din
Din
L
L
Active
Upper Byte Write
Din
High-Z
L
H
Active
Lower Byte Write
High-Z
Din
H
L
L
X1)
Active
Word Read
Dout
Dout
L
L
Active
Upper Byte Read
Dout
High-Z
L
H
Active
Lower Byte Read
High-Z
Dout
H
L
H
L
H
L
Active
Output Disabled
High-Z
High-Z
L
X1)
H
H
H
Active
Output Disabled
High-Z
High-Z
X1)
L
H
H
H
L
Standby
Deselect/Power-down
High-Z
High-Z
H
H
X1)
X1)
X1)
X1)
Standby
Deselect/Power-down
High-Z
High-Z
X1)
X1)
X1)
X1)
L
X1)
Standby
Deselect/Power-down
High-Z
High-Z
X1)
X1)
X1)
X1)
X1)
H
Power
Mode
I/O9-16
I/O1-8
/UB
/LB
/WE
/OE
CS2
/CS1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com