Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 69Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 156 page
background image
Table 32. LDO Regulator Control (External Pass Device LDOs)
VxEN
VxMODE
VxSTBY
STANDBY
Regulator Vx
0
X
X
X
Off
1
0
0
X
On
1
1
0
X
Low Power
1
X
1
0
On
1
0
1
1
Off
1
1
1
1
Low Power
Notes
47.
This table is valid for regulators with an external pass device
48.
STANDBY refers to a Standby event as described earlier
Analog Integrated Circuit Device Data
66
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
For regulators with internal pass devices and general outputs, the previous table can be simplified.
Table 33. LDO Regulator Control (Internal Pass Device LDOs)
0
X
X
Off
1
0
X
On
1
1
0
On
1
1
1
Off
Notes
49.
This table is valid for regulators with an internal pass device
50.
STANDBY refers to a Standby event as described earlier
BUCK SWITCHERS
Operational modes of the Buck switchers can be controlled by direct SPI programming, altered by the state of the STANDBY
pins, by direct state machine influence, or by load current magnitude when so configured. Available modes include PWM with
No Pulse Skipping (PWM), PWM with Pulse Skipping (PWMPS), Pulse Frequency Mode (PFM), and Off. The transition between
the two modes PWMPS and PFM can occur automatically, based on the load current. Therefore, no specific control is required
to put the switchers in a Low Power mode. When the buck switchers are not configured in the Auto mode, power savings may
be achieved by disabling switchers when not needed, or running them in PFM mode if loading conditions are light enough.
SW1, SW2, SW3, and SW4 can be configured for mode switching with STANDBY or autonomously based on load current with
adaptive mode control (Auto). Additionally, provisions are made for maintaining PFM operation in USEROFF and MEMHOLD
modes to support state retention for faster startup from the low power Off modes for Warm Start or Warm Boot.
Table 34 summarizes the Buck switcher programmability for Normal and Standby modes.
VxEN
VxSTBY
STANDBY
Regulator Vx
Table 34. Switcher Mode Control for Normal and Standby Operation
SWxMODE[3:0]
Normal mode(51)
Standby Mode(51)
0000
Off
Off
0001
PWM
Off
0010
PWMPS
Off
0011
PFM
Off
0100
Auto
Off
0101
PWM
PWM
0110
PWM
Auto
0111
NA
NA
1000
Auto
Auto
1001
PWM
PWMPS
1010
PWMPS
PWMPS
1011
PWMPS
Auto
1100
Auto
PFM
1101
PWM
PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com