Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13892 Datasheet(PDF) 94 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 94 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 94Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 95Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 96Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 97Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 98Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 156 page
background image
Analog Integrated Circuit Device Data
94
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
Crossing the thresholds BATTCYCL and CHGCURR will generate the interrupts CCCVI and CHGCURRI respectively. These
interrupts can be used as a simple way to implement a 3-bar battery meter.
BATTERY THERMISTOR CHECK CIRCUITRY
A battery pack may be equipped with a thermistor, which value decreases over temperature (NTC). The relationship between
temperature T (in Kelvin) and the thermistor value (RT) is well characterized and can be described as RT = R0*e^(B*(1/T-1/T0),
with T0 being room temperature, R0 the thermistor value at T0 and B being the so called B-factor which indicates the slope of
the thermistor over temperature. In order to read out the thermistor value, it is biased from GPO1 through a pull-up resistor RPU.
See also the ADC chapter. The battery thermistor check circuit compares the fraction of GPO1 at ADIN5 with two preset
thresholds, which correspond to 0 and 45 °C, see Table 73. Charging is generally allowed when the thermistor is within the range,
see next section for details.
Table 73. Battery Thermistor Check Main Characteristics
Tlow
24/32 * GPO1
10 k
30 k
-3.0
0
+2.0
Thigh
10/32 * GPO1
10 k
45 k
+49
+46
+44
CHARGE LED INDICATOR
Since normal LED control via the SPI bus is not always possible in the charging mode, an 8.0 mA max current sink is provided
at the CHRGLED pin for an LED connected to CHRGRAW.
The LED will be activated when standalone charging is started, and will remain under control of the state machine also when
the application is powered on. At the end of charge, the LED is automatically disabled. Through the CHRGLEDEN bit, the LED
can be forced on. In software controlled charging, the LED is under full control of this CHRGLEDEN bit.
Table 74. Charge LED Drivers Main Characteristics
Trickle LED current
CHRGLED = 2.5 V
-
-
8.0
mA
CHRGLED = 0.7 V
5.0
-
-
mA
Notes
69.
Above conditions represent respectively a USB and a collapsed charger case
Table 75. Charge LED Driver Control
CHRGLEDEN
CHRGLED
0 (default)
Auto
1
On
Charger Valid
CHRGRAW
-
3.8
-
V
CHGCURR Threshold
CHRGISNS-BPSNS, current from charger
10
-
50
mA
Debounce Period
BATTMIN, BATTON rising edge (normal
-
32
-
ms
BATTMIN, BATTON rising edge (slow)
-
1.0
-
s
BATTMIN falling edge (slow)
-
1.0
-
s
BATTMIN falling edge (fast)
-
1.0
-
s
BATTCYCL dual edge
-
100
-
ms
CHGCURR
-
1.0
-
ms
Charger Detect dual edge
-
100
-
ms
Temperature Threshold
Voltage at ADIN5
Corresponding Resistor Values
Corresponding Temperature (in °C) *
Rpu
RT
B=3200
B=3500
B=3900
Parameter
Condition
Min
Typ
Max
Units
Table 72. Charger Detectors main characteristics
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com