Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5606S Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
21
1.6.24
Display Control Unit (DCU)
The DCU is a display controller designed to drive TFT LCD displays capable of driving up to WQVGA resolution screens with
16 layers and 4 planes with real time alpha-blending.
The DCU generates all the necessary signals required to drive the display: up to 24-bit RGB data bus, Pixel Clock, Data Enable,
Horizontal-Sync and Vertical-Sync.
Internal memory resource of the MPC5606S allows to easily handle complex graphics contents (pictures, icons, languages,
fonts) on a color TFT panel in up to Wide Quarter Video Graphics Array (WQVGA) sizes. All the data fetches from internal
and/or external memory are performed by the internal four-channel DMA of the DCU providing a high speed/low latency access
to the system backbone.
Control Descriptors (CDs) associated with each layer enable effective merging of different resolutions into one plane to
optimize use of internal memory buffers. A layer may be constructed from graphic content of various resolutions including
1bpp, 2bpp, 4bpp, 8bpp, 16bpp, 24bpp and 24bpp+alpha. The ability of the DCU to handle input data in resolutions as low as
1bpp, 2bpp and 4bpp enables a highly efficient use of internal memory resources of the MPC5606S. A special tiled mode can
be enabled on any of the 16 layers to repeat a pattern optimizing graphic memory usage.
A hardware cursor can be managed independently of the layers at blending level increasing the efficient use of the internal DCU
resources.
To secure the content of all critical information to be displayed, a safety mode can be activated to check the integrity of critical
data along the whole system data path from the memory to the TFT pads.
The DCU features the following:
•
Display color depth: up to 24 bpp
•
Generation of all RGB and control signals for TFT
•
Four-plane blending
•
Maximum number of Input Layers: 16 (fixed priority)
•
Dynamic Look-Up-Table (Color and Gamma Look-Up)
•
blending range: up to 256 levels
•
Transparency Mode
•
Gamma Correction
•
Tiled mode on all the layers
•
Hardware Cursor
•
Critical display content integrity monitoring for Functional Safety support
•
Internal Direct Memory Access (DMA) module to transfer data from internal and / or external memory.
1.6.25
Parallel Data Interface (PDI)
The PDI is a digital interface used to receive external digital video or graphic content into the DCU.
The PDI input is directly injected into the DCU background plane FIFO. When the PDI is activated, all the DCU
synchronization is extracted from the external video stream to guarantee the synchronization of the two video sources.
The PDI can be used to:
•
Connect a Video Camera output directly to the PDI
•
Connect a secondary display driver as slave with a minimum of extra cost
•
Connect a device gathering various Video sources
•
Provide flexibility to allow the DCU to be used in slave mode (external synchronization)
The PDI features the following:
•
Supported color modes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com