Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5606S Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPC5606S
Description  MPC5606S Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606S Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPC5606S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5606S Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 136 page
background image
MPC5606S Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
83
3.9.2
Accumulator values
Equation 5 describes the accumulator value in unipolar configuration. The voltage Vin is applied between the integrator input
and VDDM. The internal generated reference voltage is not connected. The accumulator value is a function of VDDM, the number
of samples (Nsample) taken and the SSD constant (SSDconst). The SSD constant and offset (SSDconst, SSDoffset) vary with
temperature and process.
Eqn. 5
Equation 6 describes the accumulator value in bipolar configuration. The voltage Vin is applied between the integrator input and
the reference output. The accumulator value depends on the same parameters as in the unipolar case but the inaccuracy of the
voltage reference (Vvref) is compensated.
Eqn. 6
3.10
RESET electrical characteristics
The device implements a dedicated bidirectional RESET pin.
SSDOFFSET CC C SSD offset (unipolar, Nsample =
256)
–9
—
9
counts
SSD offset (bipolar, Nsample = 256)
–8
—
8
SSD offset (bipolar with offset
cancellation, Nsample = 256)
–5
—
5
fSSDSMP
CC D SSD cmpout sample rate
0.5
—
2.0
MHz
Table 38. SSD electrical characteristics (continued)
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
ACCval
V
in
VDDM
 2
–
VDDM SSDconst
------------------------------------------------ Nsample
SSDoffset
+
=
ACCval
V
in
VDDM SSDconst
------------------------------------------------ Nsample
SSDoffset
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com