Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1032 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1032 Datasheet HTML 1Page - Diodes Incorporated ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Pin description
Typical application circuit
Pinout connections
Pin
Name
Description
1
GND
Ground reference for ISET and Flag pins. Most negative terminal of the
device. No other pin should go below this voltage.
2CT
An external capacitor is connected to this pin and is used to determine
the period for constant-current mode and the timeout before restarting.
To reduce excessive heating during the soft start mode capacitors less
than 220nF are reocmmended.
3
ISET
Determines the load current trip level or constant current level. This can
be driven via a DC voltage or via a µC PWM output.
VSENSE = (VISET-150mV)/10
An input <100mV will disable the high-side switch (i.e. set IOUT = 0)
If left open-circuit, an accurate internal DC reference of 2.1V and source
impedance of 50k
is used to set the voltage on this pin. (External
drivers must take this reference into account.)
4
Flag
This is an active low open collector output that goes low whenever the
current limit set by the choice of RSENSE and ISET is reached or in the
event of a shorted load.
5
Drive
This is the output drive pin to the external high side referred switch on
the ZXCT1032, capable of driving PMOS and PNP transistors.
6
IN-
The load referred input to the current monitor control loop.
7
N/C
Not connected
8
IN+
Acts as both the supply pin to the ZXCT1032 and the supply referred
sense input to the current monitor control loop.
VIN
Load
ZXCT
1032
IN+
I
SET
GND
IN-
8
6
1
3
Drive
CT
GND
CT
5
2
Flag
µC
4
RSENSE
GND-
CT
ISET
Flag
IN+
1
2
3
4
8
7
6
5
N/C
IN-
Drive
Top view
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com