Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1032 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1032
Description  High-side inrush controller and electronic fuse
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1032 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1032 Datasheet HTML 1Page - Diodes Incorporated ZXCT1032 Datasheet HTML 2Page - Diodes Incorporated ZXCT1032 Datasheet HTML 3Page - Diodes Incorporated ZXCT1032 Datasheet HTML 4Page - Diodes Incorporated ZXCT1032 Datasheet HTML 5Page - Diodes Incorporated ZXCT1032 Datasheet HTML 6Page - Diodes Incorporated ZXCT1032 Datasheet HTML 7Page - Diodes Incorporated ZXCT1032 Datasheet HTML 8Page - Diodes Incorporated ZXCT1032 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXCT1032
Issue 4 - June 2007
3
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
VIN+ max(a) ...................................................................................................... 28 V
Voltage on any pin relative to GND ............................................................. -0.6V and VIN +0.5 V
Maximum differential voltage between VIN+ and VIN- (VSENSE) ................ 500 mV
Junction temperature range ........................................................................ -40 to 150°C
Storage temperature range .......................................................................... -55 to 150°C
Operation above the absolute maximum rating may cause device failure. Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
NOTES:
(a) Up to a maximum of 24 hours
Recommended operating conditions
Electrical characteristics
Test conditions Tamb = 25°C, VIN+ = 20V. Unless otherwise stated.
Symbol
Parameter
Min.
Max.
Units
VIN+
Supply range
9.5
21
V
TA
Ambient temperature range
-40
85
°C
VFLAG
Flag voltage range
0
VIN+
V
VISET
Voltage on ISET pin
1
2.5
V
Symbol Parameter
Conditions
Min.
Typ.
Max. Units
IQ
Quiescent current
VSENSE1 = 0V, V_ISET = 2.1V
1.6
2.5
mA
VSTRIP(*)
NOTES:
(*) VSENSE = VIN+ - VIN-. VSTRIP is the sense voltage at which the device trips into over-current protection.
Flag trip threshold
voltage
VISET =1.1V
95
mV
VISET =2.1V
185
195
205
VISET ISET open voltage
IISET = 0
2.0
2.1
2.2
V
IISET
ISET output current
VISET =0V
30
45
60
A
VDRIVEH Drive high output
voltage
VISET = 2.1V, VSENSE > 205mV,
IDRIVE = 0,
VIN-
– 0.4
VIN-
– 0.2
V
VDRIVEL Drive low output voltage VISET = 2.1V, VSENSE < 185mV,
IDRIVE = 0,
VIN-
- 7
VIN-
- 5.5
VIN- -
4
V
RDRIVEL Drive low output resistance VISET = 2.1V, VSENSE < 185mV
9k
VFLAGL Flag Low output Voltage VISET = 2.1V, VSENSE > 205mV
IFLAG = 100µA
0.2
0.4
V
IFLAGZ Flag open circuit leakage
current
VISET = 2.1V, VSENSE < 185mV,
VFLAG = 5V
1200
nA
IIN-
IN- bias current
VISET = 0V
100
200
nA
VSTRIP-TC Temperature coefficient
of trip voltage
See footnote (†)
(†) Temperature dependent measurements are extracted from characterization and simulation results.
95
ppm/°C
ICT-CHG Capacitor CT charging
current
FLAG = Open
130
200
270
A
ICT-DIS Capacitor CT discharging
current
FLAG = Low
1.8
3.3
5.4
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com