Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1041 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1041
Description  Bidirectional precision high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1041 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1041 Datasheet HTML 1Page - Diodes Incorporated ZXCT1041 Datasheet HTML 2Page - Diodes Incorporated ZXCT1041 Datasheet HTML 3Page - Diodes Incorporated ZXCT1041 Datasheet HTML 4Page - Diodes Incorporated ZXCT1041 Datasheet HTML 5Page - Diodes Incorporated ZXCT1041 Datasheet HTML 6Page - Diodes Incorporated ZXCT1041 Datasheet HTML 7Page - Diodes Incorporated ZXCT1041 Datasheet HTML 8Page - Diodes Incorporated ZXCT1041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXCT1041
Issue 2 - January 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Voltage on VS- and VS+
-0.6 to 20V
Voltage on all other pins
-0.6V to (VS+ or VS-) +0.6V
Vsense [(VS+) - (VS-)]
+/-6V
Operating temperature, TA
-40 to 125°C
Storage temperature
-55 to 150°C
Maximum junction temperature, TJ
150°C
Package power dissipation
300mW at TA = 25°C (De-rate to zero at 150°C)
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for
extended periods, may reduce device reliability.
Recommended operating conditions
Pin function table
Parameter
Min.
Max.
Units
VS±
Common-mode sense input range
2.7
20
V
Flag
Current direction flag output
0
VS±
V
VSENSE
Differential sense input voltage range
0
±0.8
V
VOUT
Output voltage range
0
VS± -1.5
V
TA
Ambient temperature range
-40
125
°C
Pin
Name
Description
1Flag
This is the current direction pin. It is open collector and allows the logic high
level to be set independent of VS+ voltage. Low indicates VS+ is greater than VS-
2
GND
Ground pin
3
OUT
Output voltage pin
4
S+
This is the positive input of the current monitor. It also acts as the supply
voltage pin providing current for internal circuitry. The current through this
pin varies with differential sense voltage
5
S-
This is the negative input of the current monitor. The current through this
pin varies with differential sense voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com