Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1041 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1041
Description  Bidirectional precision high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1041 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1041 Datasheet HTML 1Page - Diodes Incorporated ZXCT1041 Datasheet HTML 2Page - Diodes Incorporated ZXCT1041 Datasheet HTML 3Page - Diodes Incorporated ZXCT1041 Datasheet HTML 4Page - Diodes Incorporated ZXCT1041 Datasheet HTML 5Page - Diodes Incorporated ZXCT1041 Datasheet HTML 6Page - Diodes Incorporated ZXCT1041 Datasheet HTML 7Page - Diodes Incorporated ZXCT1041 Datasheet HTML 8Page - Diodes Incorporated ZXCT1041 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXCT1041
Issue 2 - January 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics
Test conditions TA = 25°C, VS+ = 10V, VSENSE = 100mV
NOTES:
(a) VSENSE = "VS+" - "VS-"
(b) Temperature dependent measurements are extracted from characterisation and simulation results.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IQ
Ground pin current
15
35
50
µA
IS+
VS+ input current
VSENSE = 0V
10
17
24
µA
IS-
VS- input current
VSENSE = 0V
10
17
24
µA
VOUT
Output voltage
[flag high]
VSENSE = +150mV
1.55
1.5
1.45
V
VSENSE = +100mV
1.02
1
0.98
V
VSENSE = +30mV
309
300
291
mV
VSENSE = 0V
0
15
mV
[flag low]
VSENSE = -30mV
285
300
315
mV
VSENSE = -100mV
0.95
1
1.05
V
VSENSE = -150mV
1.42
1.50
1.58
V
VOUT TC
VOUT variation with
temperature
VSENSE = ±100mV
30
ppm/ºC
Gain
VOUT/VSENSE
10
Accuracy
Total output error
(Gain + offset)
VSENSE = 100mV
±2
%
Accuracy
Total output error
(Gain + offset)
VSENSE = -100mV
±5
%
BW
Bandwidth
VSENSE(DC) = 100mV
VSENSE(AC) = 63mVPP
300
kHz
CMRR
VS+ common mode
rejection ratio
VIN = 2.7 to 20V
60
dB
Flag TP
Flag trip point
Referred to VSENSE
-2.5
+2.5
mV
VFL
Flag low output
voltage
ISINK = 100 A60
200
mV
IFH
Flag high leakage
current
VOH = 5V
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com