Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH286 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH286
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH286 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH286 Datasheet HTML 1Page - Diodes Incorporated AH286 Datasheet HTML 2Page - Diodes Incorporated AH286 Datasheet HTML 3Page - Diodes Incorporated AH286 Datasheet HTML 4Page - Diodes Incorporated AH286 Datasheet HTML 5Page - Diodes Incorporated AH286 Datasheet HTML 6Page - Diodes Incorporated AH286 Datasheet HTML 7Page - Diodes Incorporated AH286 Datasheet HTML 8Page - Diodes Incorporated AH286 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH286
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286
Document number: DS31030 Rev. 12 - 2
3 of 9
www.diodes.com
June 2010
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Rating
Unit
Vdd
Supply Voltage
24
V
IO
Output Current
IO (AVE)
500
mA
IO (PEAK)
700
mA
PD
Power Dissipation
800
mW
TST
Storage Temperature
-55 ~ 150
°C
TJ
Maximum Junction Temperature
150
°C
θ
JA
Thermal Resistance Junction to Case (Note 2)
156
°C/W
TJ
TA
Tc
JC
θ
JA
θ
Notes:
2.
θJA should be confirmed with heat sink thermal resistance. If there is no heat sink contact, θJA will almost be the same as θJC..
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
Vdd
Supply Voltage
Operating
3.8
20
V
TA
Operating Ambient Temperature
Operating
-40
100
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com