Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH286 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH286
Description  HALL-EFFECT SMART FAN MOTOR CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH286 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH286 Datasheet HTML 1Page - Diodes Incorporated AH286 Datasheet HTML 2Page - Diodes Incorporated AH286 Datasheet HTML 3Page - Diodes Incorporated AH286 Datasheet HTML 4Page - Diodes Incorporated AH286 Datasheet HTML 5Page - Diodes Incorporated AH286 Datasheet HTML 6Page - Diodes Incorporated AH286 Datasheet HTML 7Page - Diodes Incorporated AH286 Datasheet HTML 8Page - Diodes Incorporated AH286 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH286
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286
Document number: DS31030 Rev. 12 - 2
4 of 9
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25 °C, Vdd = 12V, unless otherwise specified)
Symbol
Characteristics
Conditions
Min
Typ.
Max
Unit
Idd
Supply Current
Operating
-
2.0
4.0
mA
IOFF
Output Leakage Current
VOUT = 24V
-
< 0.1
10
μA
TRLP-ON
Rotor Lock Protection On Time
0.4
0.5
0.6
Sec
TRLP-OFF
Rotor Lock Protection Off Time
2.4
3
3.6
Sec
VOUT(SAT)
Output Saturation Voltage
IO = 300mA
-
375
500
mV
IO = 500mA
-
625
900
RDS(ON)
Output On Resistance
IO = 300mA
-
1.25
1.67
ohm
VOL
RD Output Vds
IO = 10mA
-
0.5
-
V
Vz
Output Zener-Breakdown Voltage
35
42
60
V
Truth Table (Note 3)
IN-
IN+
CT
OUT1
OUT2
RD
Mode
H
L
L
H
L
L
Rotating
L
H
L
L
H
L
Rotating
-
-
H
off
off
H
Lockup protection activated
Notes:
3. Latch-type RD output is low during rotor rotation and high when the rotor is locked (not rotating)
Magnetic Characteristics (TA = 25 °C, Vdd = 12V, unless otherwise specified, Note 4)
(1mT = 10 Gauss)
Symbol
Characteristics
Min
Typ.
Max
Unit
Bop
Operate Point
10
30
60
Gauss
Brp
Release Point
-60
-30
-10
Gauss
Bhy
Hysteresis
-
60
-
Gauss
Notes:
4. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com