Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH293 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH293
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH293 Datasheet(HTML) 6 Page - Diodes Incorporated

  AH293 Datasheet HTML 1Page - Diodes Incorporated AH293 Datasheet HTML 2Page - Diodes Incorporated AH293 Datasheet HTML 3Page - Diodes Incorporated AH293 Datasheet HTML 4Page - Diodes Incorporated AH293 Datasheet HTML 5Page - Diodes Incorporated AH293 Datasheet HTML 6Page - Diodes Incorporated AH293 Datasheet HTML 7Page - Diodes Incorporated AH293 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AH293
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH293
Document number: DS31048 Rev. 6 - 2
6 of 8
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AH 293 - Y G - 13
Packing
Package
Green
Y : SOT89-5L
13 : Tape & Reel
G : Green (Note 5)
Device
Package
Code
Packaging
(Note 6, 7)
Bulk
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AH293-YG-13
Y
SOT89-5L
NA
NA
2500/Tape & Reel
-13
Notes:
5. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
7. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our website
http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
1
2
3
5
4
293 Y W X
(Top View)
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
A~Z : Green
SOT89-5L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com