Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH293 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH293
Description  LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH293 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH293 Datasheet HTML 1Page - Diodes Incorporated AH293 Datasheet HTML 2Page - Diodes Incorporated AH293 Datasheet HTML 3Page - Diodes Incorporated AH293 Datasheet HTML 4Page - Diodes Incorporated AH293 Datasheet HTML 5Page - Diodes Incorporated AH293 Datasheet HTML 6Page - Diodes Incorporated AH293 Datasheet HTML 7Page - Diodes Incorporated AH293 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AH293
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH293
Document number: DS31048 Rev. 6 - 2
1 of 8
www.diodes.com
June 2010
© Diodes Incorporated
Description
AH293 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-collector
transistors for Motor’s coil driving, automatic lock current
shutdown,
and
recovery
protections.
Also,
rotor-state
detection (RD) output is for speed detection.
Rotor-lock shutdown detection circuit turns off the output
driver when the rotor is blocked to avoid coil overheat. Then,
the automatic recovery circuit will restart the motor. These
protected actions are repeated and periodic during the
blocked period. Until the blocking is removed, the motor
recovers and runs normally.
The AH293 is available in SOT89-5L package.
Features
•
On Chip Hall Sensor
•
Rotor-Locked Shutdown
•
Automatically Restart
•
Rotor-State Detection (RD) Output
•
Built-in Zener Protection for Output Driver
•
Operating Voltage: 1.8V~5.75 V
•
Output Current: IO(AVE) = 400 mA
•
Packaged in SOT89-5L
•
Green Molding Compound
Pin Assignments
1
2
3
74
5
DOB
DO
GND
RD
Vdd
SOT89-5L
293
(Top View)
Applications
•
Two-coil BLDC cooling fans
•
Low to medium voltage, low power BLDC motors
Typical Application Circuit (Note 1)
293
1
5
4
3
2
Vdd
(1.8V/5.75V)
Coil2
Coil1
Rpu
RD
(alarm)
GND
D2
D1
R1
R2
C1
C2
Notes:
1. R1, R2: typical 56 Ohm
C1, C2, C3: typical 2.2µF
The R, C value need to be fine tuned based
on coils design.
C3
1.8V/5.75V DC Brush-Less Fan with RD Output Function


Similar Part No. - AH293

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
logo
Diodes Incorporated
AH293 DIODES-AH293 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
AH293-Y DIODES-AH293-Y Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
AH293-YL-13 DIODES-AH293-YL-13 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
AH293-YL-B DIODES-AH293-YL-B Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
More results

Similar Description - AH293

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH291 ETC-AH291 Datasheet
269Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
AH292 ETC-AH292 Datasheet
272Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH293 ANACHIP-AH293 Datasheet
197Kb / 9P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.5 Jun 18, 2004
logo
Diodes Incorporated
AH291 DIODES-AH291 Datasheet
183Kb / 10P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH291 Rev. 3
AH292 DIODES-AH292 Datasheet
162Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH292 Rev. 3
AH293 DIODES-AH293 Datasheet
163Kb / 7P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH293 Rev. 2
logo
Anachip Corp
AH291 ANACHIP-AH291 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
AH292 ANACHIP-AH292 Datasheet
183Kb / 6P
Low Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH291 DIODES-AH291_10 Datasheet
156Kb / 9P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 8
AH292 DIODES-AH292_10 Datasheet
73Kb / 8P
LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com