Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC651154N Datasheet(PDF) 36 Page - Sanyo Semicon Device

Part # LC651154N
Description  Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651154N Datasheet(HTML) 36 Page - Sanyo Semicon Device

Back Button LC651154N Datasheet HTML 31Page - Sanyo Semicon Device LC651154N Datasheet HTML 32Page - Sanyo Semicon Device LC651154N Datasheet HTML 33Page - Sanyo Semicon Device LC651154N Datasheet HTML 34Page - Sanyo Semicon Device LC651154N Datasheet HTML 35Page - Sanyo Semicon Device LC651154N Datasheet HTML 36Page - Sanyo Semicon Device LC651154N Datasheet HTML 37Page - Sanyo Semicon Device LC651154N Datasheet HTML 38Page - Sanyo Semicon Device LC651154N Datasheet HTML 39Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
No. 6278-36/39
LC651154N, 651154F, 651154L, 651152N, 651152F, 651152L
RC Oscillator Characteristics for the LC651154L and LC651152L
Figure 9 shows the RC oscillator characteristics for the LC651154L and LC651152L.
However, the sample-to-sample variation in the LC651154L and LC651152L RC oscillator frequency described below
does occur.
1) When:
VDD = 2.2 to 6.0 V, Ta = –40 to +85°C
External constants: Cext = 270 pF
Rext = 12.0 k
Ω
fMOSC will be:
290 kHz
≤ f
MOSC ≤ 841 kHz
Therefore, only the above circuit constants are recommended.
If use of circuit constants other than the above is unavoidable, they must be in the following ranges.
Cext = 150 to 390 pF
Rext = 3 to 20 k
Ω
(See figure 9.)
Note 8. The oscillator frequency must be in the range 350 to 850 kHz when VDD = 5.0 V and Ta = 25°C.
Note 9. Applications must be designed to have adequate margins so that the oscillator frequency falls in the operating
clock frequency range (see the oscillator divider option table) for the voltage range VDD = 2.2 to 6.0 V and for
the temperature range Ta = –40 to 85°C.
Figure 9 RC Oscillator Frequency Data (Representative Values)
These characteristics curves are for
reference purposes only and are not
guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com