Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8532 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8532
Description  Universal LCD driver for low multiplex rates
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8532 Datasheet HTML 17Page - NXP Semiconductors PCF8532 Datasheet HTML 18Page - NXP Semiconductors PCF8532 Datasheet HTML 19Page - NXP Semiconductors PCF8532 Datasheet HTML 20Page - NXP Semiconductors PCF8532 Datasheet HTML 21Page - NXP Semiconductors PCF8532 Datasheet HTML 22Page - NXP Semiconductors PCF8532 Datasheet HTML 23Page - NXP Semiconductors PCF8532 Datasheet HTML 24Page - NXP Semiconductors PCF8532 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
PCF8532
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 10 February 2011
21 of 49
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
7.16 Characteristics of the I2C-bus
The I2C-bus is for bidirectional, two-line communication between different ICs or modules.
The two lines are a Serial DAta line (SDA) and a Serial CLock line (SCL). Both lines must
be connected to a positive supply via a pull-up resistor when connected to the output
stages of a device. Data transfer may be initiated only when the bus is not busy.
In Chip-On-Glass (COG) applications, where the track resistance between the SDA
output pin to the system SDA input line can be significant, the bus pull-up resistor and the
Indium Tin Oxide (ITO) track resistance may generate a voltage divider. As a
consequence it may be possible that the acknowledge cycle, generated by the LCD driver,
cannot be interpreted as logic 0 by the master. Therefore it is an advantage for COG
applications to have the acknowledge output separated from the data line. For that
reason, the SDA line of the PCF8532 is split into SDA and SDAACK.
In COG applications where the acknowledge cycle is required, it is necessary to minimize
the track resistance from the SDAACK pin to the system SDA line to guarantee a valid
LOW level.
By splitting the SDA line into SDA and SDAACK (having the SDAACK open circuit), the
device could be used in a mode that ignores the acknowledge cycle. Separating the
acknowledge output from the serial data line can avoid design efforts to generate a valid
acknowledge level. However, in that case the I2C-bus master has to be set up in such a
way that it ignores the acknowledge cycle.2
By connecting pin SDAACK to pin SDA the SDA line becomes fully I2C-bus compatible.
The following definition assumes SDA and SDAACK are connected and refers to the pair
as SDA.
7.16.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as a control signal. Bit transfer is shown in Figure 13.
7.16.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy.
A HIGH-to-LOW change of the data line, while the clock is HIGH is defined as the START
condition (S).
2.
For further information, please consider the NXP application note: Ref. 1 “AN10170”.
Fig 13. Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com