Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8546 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8546
Description  18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8546 Datasheet HTML 3Page - Analog Devices AD8546 Datasheet HTML 4Page - Analog Devices AD8546 Datasheet HTML 5Page - Analog Devices AD8546 Datasheet HTML 6Page - Analog Devices AD8546 Datasheet HTML 7Page - Analog Devices AD8546 Datasheet HTML 8Page - Analog Devices AD8546 Datasheet HTML 9Page - Analog Devices AD8546 Datasheet HTML 10Page - Analog Devices AD8546 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8546
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
0
5
10
15
20
25
30
35
40
VOS (mV)
VSY = 2.7V
VCM = VSY/2
Figure 2. Input Offset Voltage Distribution
0
2
4
6
8
10
12
TCVOS (µV/°C)
VSY = 2.7V
–40°C ≤ TA ≤ +125°C
Figure 3. Input Offset Voltage Drift Distribution
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
VSY = 2.7V
–3.0
–2.0
–2.5
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
2.5
3.0
Figure 4. Input Offset Voltage vs. Common-Mode Voltage
0
5
10
15
20
25
30
35
40
VOS (mV)
VSY = 18V
VCM = VSY/2
Figure 5. Input Offset Voltage Distribution
0
2
4
6
8
10
12
TCVOS (µV/°C)
VSY = 18V
–40°C ≤ TA ≤ +125°C
Figure 6. Input Offset Voltage Drift Distribution
0
2
4
6
8
1012
14
1618
VCM (V)
VSY = 18V
–3.0
–2.0
–2.5
–1.0
0
1.0
2.0
–1.5
–0.5
0.5
1.5
2.5
3.0
Figure 7. Input Offset Voltage vs. Common-Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com