Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8546 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8546
Description  18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8546 Datasheet(HTML) 1 Page - Analog Devices

  AD8546 Datasheet HTML 1Page - Analog Devices AD8546 Datasheet HTML 2Page - Analog Devices AD8546 Datasheet HTML 3Page - Analog Devices AD8546 Datasheet HTML 4Page - Analog Devices AD8546 Datasheet HTML 5Page - Analog Devices AD8546 Datasheet HTML 6Page - Analog Devices AD8546 Datasheet HTML 7Page - Analog Devices AD8546 Datasheet HTML 8Page - Analog Devices AD8546 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
18 V, Micropower, CMOS, Rail-to-Rail
Input/Output Operational Amplifier
AD8546
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Micropower at high voltage (18 V): 18 μA typical
Single-supply operation: 2.7 V to 18 V
Dual-supply operation: ±1.35 V to ±9 V
Low input bias current: 20 pA
Gain bandwidth product: 200 kHz
Unity-gain stable
APPLICATIONS
Portable medical equipment
Current monitors
4 mA to 20 mA loop drivers
Buffer/level shifting
Multipole filters
Remote/wireless sensors
Low power transimpedance amplifiers
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8546
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP
GENERAL DESCRIPTION
The AD8546 is a dual, micropower, high impedance, rail-to-rail
input/output amplifier optimized for low power and wide operating
supply voltage range applications.
The AD8546 operates from 2.7 V up to 18 V with a typical supply
current of 18 μA. The combination of low supply current, high
input impedance, and rail-to-rail input and output makes the
AD8546 ideal for dc gain and buffering of sensor front ends or
high impedance input sources in wireless or remote sensors or
transmitters.
With its low power consumption and rail-to-rail input and
output, the AD8546 is ideally suited for a variety of battery-
powered, portable applications such as ECGs, pulse monitors,
glucose meters, smoke and fire detectors, vibration monitors,
and backup battery sensors.
The AD8546 is specified over the extended industrial temperature
range of −40°C to +125°C and is available in an 8-lead MSOP.
Table 1. Micropower Op Amps1
Amplifier
Supply Voltage
5 V
12 V to 16 V
36 V
Single
AD8500
AD8663
ADA4505-1
AD8505
AD8541
AD8603
Dual
AD8502
AD8667
OP295
ADA4505-2
OP281
ADA4062-2
AD8506
AD8542
AD8607
Quad
AD8504
AD8669
OP495
ADA4505-4
OP481
ADA4062-4
AD8508
AD8544
AD8609
1 See www.analog.com for the latest selection of micropower op amps.


Similar Part No. - AD8546

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8546 AD-AD8546 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8546 AD-AD8546 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
AD8546 AD-AD8546 Datasheet
1Mb / 33P
OVP and EMI Protected, Precision, Low Noise and Bias Current Op Amps
Rev. E
AD8546ARMZ AD-AD8546ARMZ Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8546ARMZ AD-AD8546ARMZ Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
More results

Similar Description - AD8546

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6464QML NSC-LMC6464QML Datasheet
1Mb / 23P
LMC6464QML Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Texas Instruments
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com