Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2172 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel
MIC2172/3172
April 2006
2
M9999-041806
(408) 955-1690
Typical Applications
Figure 1. MIC2172 5V to 12V Boost Converter
Figure 2. MIC3172 Flyback Converter
Ordering Information
Part Number
Standard
Pb-Free
Junction Temp. Range
Package
MIC2172BN
MIC2172YN
–40°C to +85°C
8-pin plastic DIP
MIC2172BM
MIC2172YM
–40°C to +85°C
8-pin SOIC
MIC3172BN
MIC3172YN
–40°C to +85°C
8-pin plastic DIP
MIC3172BM
MIC3172YM
–40°C to +85°C
8-pin SOIC
Note:
1. Other Voltage available. Contact Micrel for details.
Pin Configuration
8-pin DIP (N)
8-pin SOIC (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com