Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2172 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2172
Description  100kHz 1.25A Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2172 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2172 Datasheet HTML 1Page - Micrel Semiconductor MIC2172 Datasheet HTML 2Page - Micrel Semiconductor MIC2172 Datasheet HTML 3Page - Micrel Semiconductor MIC2172 Datasheet HTML 4Page - Micrel Semiconductor MIC2172 Datasheet HTML 5Page - Micrel Semiconductor MIC2172 Datasheet HTML 6Page - Micrel Semiconductor MIC2172 Datasheet HTML 7Page - Micrel Semiconductor MIC2172 Datasheet HTML 8Page - Micrel Semiconductor MIC2172 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel
MIC2172/3172
April 2006
4
M9999-041806
(408) 955-1690
Absolute Maximum Ratings MIC2172
Input Voltage.................................................................. 40V
Switch Voltage ............................................................... 65V
Sync Current............................................................... 50mA
Feedback Voltage (Transient, 1ms) ............................
±15V
Operating Temperature Range
8-pin PDIP .................................................–40 to +85
°C
8-pin SOIC ................................................–40 to +85
°C
Junction Temperature................................–55
°C to +150°C
Thermal Resistance
θ
JA 8-pin PDIP ................................................. 130°C/W
θ
JA 8-pin SOIC................................................. 120
°C/W
Storage Temperature ................................–65
°C to +150°C
Soldering (10 sec.) ...................................................+300
°C
Electrical Characteristics MIC2172
Note 1, 3. Unless otherwise specified, VIN = 5V.
Parameter
Condition
Min
Typ
Max
Units
Reference Section
Pin 2 tied to pin 3
Feedback Voltage (VFB)
1.220
1.214
1.240
1.264
1.274
V
V
Feedback Voltage Line
Regulation
3V
≤ VIN ≤ 40V
0.03
%/V
Feedback Bias Current
(IFB)
310
750
1100
nA
nA
Error Amplifier Section
Transconductance
(
∆ICOMP/∆VFB)
∆ICOMP = ±25µA
3.0
2.4
3.9
6.0
7.0
µA/mV
µA/mV
Voltage Gain
(
∆VCOMP/∆VFB)
0.9V
≤ VCOMP ≤ 1.4V
500
800
2000
V/V
Output Current
VCOMP = 1.5V
125
100
175
350
400
µA
µA
Output Swing
High Clamp, VFB = 1V
Low Clamp, VFB = 1.5V
1.8
0.25
2.1
0.35
2.3
0.52
V
V
Compensation Pin
Threshold
Duty Cycle = 0
0.8
0.6
0.9
1.08
1.25
V
V
Output Switch Section
ON Resistance
ISW = 1A, VFB = 0.8V
0.76
1
1.1
Ω
Ω
Current Limit
Duty Cycle = 50%, TJ ≥ 25°C
Duty Cycle = 50%, TJ < 25°C
Duty Cycle = 80%, Note 2
1.25
1.25
1
3
3.5
2.5
A
A
A
Breakdown Voltage (BV)
3V
≤ VIN ≤ 40V
ISW = 5mA
65
75
V
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com