Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2177BWM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2177BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
MIC2177
April 2008
6
M9999-042108
Typical Characteristics
175
180
185
190
195
200
205
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Oscillator Frequency
vs. Temperature
1.238
1.240
1.242
1.244
1.246
1.248
1.250
1.252
MIC2177 [adj.]
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
3.280
3.285
3.290
3.295
3.300
3.305
3.310
3.315
3.320
MIC2177-3.3
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
4.970
4.980
4.990
5.000
5.010
5.020
5.030
MIC21775.0
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Reference Voltage
vs. Temperature
16.0
16.5
17.0
17.5
18.0
18.5
19.0
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Error-Amplifier Gain
vs. Temperature
0
20
40
60
80
100
120
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Feedback Input Bias Current
vs. Temperature
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
-60 -30
0
30 60 90 120 150
TEMPERATURE (°C)
Current Limit
vs. Temperature
0
50
100
150
200
250
2468 10 12 14 16 18
INPUT VOLTAGE (V)
High-Side Switch
On-Resistance
125°C
85°C
25°C
0°C
0
50
100
150
200
250
300
350
2468 10 12 14 16 18
INPUT VOLTAGE (V)
Low-Side Switch
On-Resistance
125°C
85°C
25°C
0°C
0
2
4
6
8
10
12
2
4
6
8 10 12 14 16 18
INPUT VOLTAGE (V)
PWM-Mode
Supply Current
OUTPUT
SWITCHING
60
65
70
75
80
85
90
95
100
10
100
1000 2500
OUTPUT CURRENT (mA)
V
IN =5V
8V
12V
SKIP
PWM
3.3V Output
Efficiency
70
75
80
85
90
95
100
10
100
1000 2500
OUTPUT CURRENT (mA)
8V
12V
V
IN =6V
SKIP
PWM
5V Output
Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com