Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2177BWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2177BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2177BWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2177BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2177BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC2177
2.5A Synchronous Buck Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2008
M9999-042108
General Description
The Micrel MIC2177 is a 200kHz synchronous buck (step-
down) switching regulator designed for high-efficiency,
battery-powered applications.
The MIC2177 operates from a 4.5V to 16.5V input and
features internal power MOSFETs that can supply up to 2.5A
output current. It can operate with a maximum duty cycle of
100% for use in low-dropout conditions. It also features a
shutdown mode that reduces quiescent current to less than
5µA.
The MIC2177 achieves high efficiency over a wide output
current range by switching between PWM and skip mode.
Operating mode is automatically selected according to output
conditions. Switching frequency is preset to 200kHz and can
be synchronized to an external clock signal of up to 300kHz.
The MIC2177 uses current-mode control with internal current
sensing. Current-mode control provides superior line
regulation and makes the regulator control loop easy to
compensate. The output is protected with pulse-by-pulse
current limiting and thermal shutdown. Undervoltage lockout
turns the output off when the input voltage is less than 4.5V.
The MIC2177 is packaged in a 20-pin wide power SO
package with an operating temperature range of –40°C to
+85°C.
See the MIC2178 for externally selected PWM or skip-mode
operation.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 4.5V to 16.5V input voltage range
• Dual-mode operation for high efficiency (up to 96%)
–
PWM mode for > 200mA load current
–
Skip mode for < 200mA load current
• 100mΩ internal power MOSFETs at 12V input
• 200kHz preset switching frequency
• Low quiescent current
–
1.0mA in PWM mode
–
500µA in skip mode
–
< 5µA in shutdown mode
• 100% duty cycle for low dropout operation
• Current-mode control
–
Simplified loop compensation
–
Superior line regulation
• Current limit
• Thermal shutdown
• Undervoltage lockout
Applications
• High-efficiency, battery-powered supplies
• Buck (step-down) dc-to-dc converters
• Cellular telephones
• Laptop computers
• Hand-held instruments
• Battery Charger
_________________________________________________________________________________________________________
Typical Application
BIAS
SGND
EN
COMP
PGND
FB
OUT
VIN
C2
100µF
10V
VOUT
5V/1A
L1, 50µH
CC
6.8nF
C3
R1
0.01µF
10k
MIC
2177-5.0
AUTO
SYNC
R1
10k
VIN
5.4V to 18V
C1
22µF
35V
U1
20
18
11
13
14–17
19
12
4–7
3,8
1,2,9
D1
MBRS130L
SW
10
ENABLE
SHUTDOWN
2.2
nF
70
75
80
85
90
95
100
10
100
1000 2500
OUTPUT CURRENT (mA)
5V Output
Efficiency
V
IN =6V
SKIP
PWM


Similar Part No. - MIC2177BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177BWM MICREL-MIC2177BWM Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
More results

Similar Description - MIC2177BWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
2.5A Synchronous Buck Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
EZBuck??2.5A Simple Buck Regulator
logo
Micrel Semiconductor
MIC24420 MICREL-MIC24420 Datasheet
1Mb / 34P
2.5A Dual Output PWM Synchronous Buck Regulator IC
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Alpha & Omega Semicondu...
AOZ1283 AOSMD-AOZ1283 Datasheet
1Mb / 15P
EZBuck™ 2.5A Simple Buck Regulator
Rev. 1.0 May 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com