Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2199YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2199YML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2199YML Datasheet HTML 1Page - Micrel Semiconductor MIC2199YML Datasheet HTML 2Page - Micrel Semiconductor MIC2199YML Datasheet HTML 3Page - Micrel Semiconductor MIC2199YML Datasheet HTML 4Page - Micrel Semiconductor MIC2199YML Datasheet HTML 5Page - Micrel Semiconductor MIC2199YML Datasheet HTML 6Page - Micrel Semiconductor MIC2199YML Datasheet HTML 7Page - Micrel Semiconductor MIC2199YML Datasheet HTML 8Page - Micrel Semiconductor MIC2199YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC2199.
January 2010
2
M9999-011310
Pin Configuration
FB
CSH
VOUT
3
4
5
VIN 6
COMP
EN/UVLO
1
2
BST
GND
LSD
10
9
8
VDD
7
HSD
VSW
12
11
12-Pin 4×4 MLF® (ML)
Ordering Information
Part Number
Voltage
Temperature Range
Package
Standard
Pb-Free
MIC2199BML
MIC2199YML
Adj
−40ºCto+125ºC
12-Pin 4x4 MLF®
Pin Description
Pin Number
Pin Name
Pin Function
1
COMP
Compensation(Output): Internalerroramplifieroutput.Connecttocapacitor
or series RC network to compensate the regulator control loop.
2
EN/UVLO
Enable/UndervoltageLockout(Input): Low-levelsignalpowersdownthe
controller. Input below the 2.5V threshold disables switching and functions as
an accurate undervoltage lockout (UVLO). Input below the threshold forces
complete micropower (<0.1µA) shutdown.
3
FB
Feedback(Input): RegulatesFBpinto0.8V.See“Applications Information”
for resistor divider calculations.
4
CSH
Current-SenseHigh(Input): Currentlimitcomparatornon-invertinginput.A
built-inoffsetof100mVbetweenCSHandVOUT pins in conjunction with the
current-sense resistor set the current limit threshold level. This is also the
non-invertinginputtothecurrentsenseamplifier.
5
VOUT
Current-SenseLow(Input): Outputvoltagefeedbackinputandinverting
inputforthecurrentlimitcomparatorandthecurrentsenseamplifier.
6
VIN
UnregulatedInput(Input): +4.5Vto+32Vsupplyinput.
7
VDD
5V Internal Linear-Regulator (Output): VDDistheexternalMOSFETgate
drivesupplyvoltageandinternalsupplybusfortheIC.BypasstoGNDwith
4.7µF.
8
LSD
Low-SideDrive(Output): High-currentdriveroutputforlow-sideN-Channel
MOSFET.VoltageswingisbetweengroundandVDD.
9
GND
Ground (Return).
10
BST
Boost(Input): Providesdrivevoltageforthehigh-sideMOSFETdriver.The
drive voltage is higher than the input voltage by VDD minus a diode drop.
11
VSW
Switch(Return): High-sideMOSFETdriverreturn.
12
HSD
High-SideDrive(Output): High-currentdriveroutputforhigh-sideMOSFET.
This node voltage swing is between ground and VIN+5Vminusadiodedrop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com