Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2199YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2199YML
Description  300kHz 4mm 횞 4mm Synchronous Buck Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2199YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2199YML Datasheet HTML 1Page - Micrel Semiconductor MIC2199YML Datasheet HTML 2Page - Micrel Semiconductor MIC2199YML Datasheet HTML 3Page - Micrel Semiconductor MIC2199YML Datasheet HTML 4Page - Micrel Semiconductor MIC2199YML Datasheet HTML 5Page - Micrel Semiconductor MIC2199YML Datasheet HTML 6Page - Micrel Semiconductor MIC2199YML Datasheet HTML 7Page - Micrel Semiconductor MIC2199YML Datasheet HTML 8Page - Micrel Semiconductor MIC2199YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
January 2010
3
M9999-011310
Micrel, Inc.
MIC2199
Electrical Characteristics (Note 4)
VIN = VEN = 12V; TJ = 25°C, unless noted, boldvaluesindicate–40°C≤TJ≤+125°C
Parameter
Condition
Min
Typ
Max
Units
FeedbackVoltageReference
(±1%)
0.792
0.8
0.808
V
FeedbackVoltageReference
(±2%)
0.784
0.816
V
Feedback Voltage Reference
4.5V < VIN < 32V, 0 < (VCSH – VOUT)<60mV(±3%)
0.776
0.824
V
FeedbackBiasCurrent
10
nA
Output Voltage Range
0.8
6
V
Output Voltage Line Regulation
VIN = 4.5V to 32V, VCSH – VOUT=60mV
0.03
%/V
Output Voltage Load Regulation
25mV < (VCSH – VOUT)<60mV
0.5
%
Input and VDD Supply
QuiescentCurrent
excludingexternalMOSFETgatedrivecurrent
1.6
2.5
mA
ShutdownQuiescentCurrent
VEN/UVLO = 0V
0.1
5
µA
DigitalSupplyVoltage(VDD)
IL = 0mA to 5mA
4.7
5.0
5.3
V
Undervoltage Lockout
VIN upper threshold (turn-on threshold)
4.25
4.4
V
VIN lower threshold (turn-off threshold)
3.95
4.1
V
Enable/UVLO
EnableInputThreshold
0.6
1.1
1.6
V
UVLO Threshold
2.2
2.5
2.8
V
EnableInputCurrent
VEN/UVLO = 5V
0.1
5
µA
Current Limit
Current Limit Threshold Voltage
(VCSH – VOUT)
55
75
95
mV
Error Amplifier
TransconductanceErrorAmplifierGM
0.2
mS
Oscillator Section
Oscillator Frequency
270
300
330
kHz
MaximumDutyCycle
80
85
%
Minimum On-Time
170
200
ns
Frequency Foldback Threshold
measured at VOUT pin
0.25
0.40
0.55
V
Foldback Frequency
75
kHz
Gate Drivers
Rise/Fall Time
CL = 3000pF
60
ns
Output Driver Impedance
source
5
8.5
Ω
sink
3.5
6Ω
Driver Non-Overlap Time
80
ns
Note 1. Exceedingtheabsolutemaximumratingmaydamagethedevice.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. DevicesareESDprotected;however,handlingprecautionsarerecommended.Humanbodymodel,1.5kinserieswith100pF.
Note 4. Specificationforpackagedproductonly.
Absolute Maximum Ratings (Note 1)
AnalogSupplyVoltage(VIN)........................................+34V
DigitalSupplyVoltage(VDD)..........................................+7V
DriverSupplyVoltage(BST) ...................................VIN+7V
SenseVoltage(VOUT, CSH) ...............................7V to –0.3V
EnablePinVoltage(VEN/UVLO)....................................... VIN
Power Dissipation (PD)
4×4 MLF™..................................665mW @ TA = 85°C
AmbientStorageTemperature(TS).......... –65°Cto+150°C
ESD,
Note 3
Operating Ratings (Note 2)
AnalogSupplyVoltage(VIN)......................... +4.5Vto+32V
Output Voltage Range (VOUT) ....................... +0.8Vto+6V
Junction Temperature (TJ)........................ –40°Cto+125°C
Package Thermal Resistance
4×4 MLF-12L (θJA)...............................................60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com