Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4574YN Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
June 2005
5
M9999-062105
MIC4574
Micrel, Inc.
Functional Description
The MIC4574 is a variable duty cycle switch-mode regulator
with an internal power switch. Refer to the block diagrams.
Supply Voltage
The MIC4574 operates from a +4V to +24V unregulated
input. Highest efficiency operation is from a supply voltage
below +15V.
Enable/Shutdown
The shutdown (SHDN) input is TTL compatible. Ground the
input if unused. A logic-low enables the regulator. A logic-high
shuts down the internal regulator which reduces the current
to typically 50µA.
Feedback
Fixed versions of the regulator have an internal resistive
divider from the feedback (FB) pin. Connect FB directly to the
output line.
Adjustable versions require an external resistive voltage
divider from the output voltage to ground, connected from the
1.23V tap to FB.
Duty Cycle Control
A fixed-gain error amplifier compares the feedback signal
with a 1.23V bandgap voltage reference. The resulting error
amplifier output voltage is compared to a 200kHz sawtooth
waveform to produce a voltage controlled variable duty cycle
output.
A higher feedback voltage increases the error amplifier
output voltage. A higher error amplifier voltage (comparator
inverting input) causes the comparator to detect only the
peaks of the sawtooth, reducing the duty cycle of the com-
parator output. A lower feedback voltage increases the duty
cycle.
Output Switching
When the internal switch is on, an increasing current flows
from the supply V
IN, through external storage inductor L1, to
output capacitor C
OUT and the load. Energy is stored in the
inductor as the current increases with time.
When the internal switch is turned off, the collapse of the
magnetic field in L1 forces current to flow through fast
recovery diode D1, charging C
OUT.
Output Capacitor
External output capacitor C
OUT provides stabilization and
reduces ripple.
Return Paths
During the on portion of the cycle, the output capacitor and
load currents return to the supply ground. During the off
portion of the cycle, current is being supplied to the output
capacitor and load by storage inductor L1, which means that
D1 is part of the high-current return path.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com