Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4574YN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
June 2005
1
M9999-062105
MIC4574
Micrel, Inc.
MIC4574
200kHz Simple 0.5A Buck Regulator
General Description
The MIC4574 is a series of easy to use fixed and adjustable
BiCMOS step-down (buck) switch-mode voltage regulators.
The 200kHz MIC4574 duplicates the pinout and function of
the 52kHz LM2574. The higher switching frequency may
allow up to a 2:1 reduction in output filter inductor size.
The MIC4574 is available in 3.3V, and 5V fixed output
versions or a 1.23V to 20V adjustable output version. Both
versions are capable of driving a 0.5A load with excellent line
and load regulation.
The feedback voltage is guaranteed to ±2% tolerance for
adjustable versions, and the output voltage is guaranteed to
±3% for fixed versions, within specified voltages and load
conditions. The oscillator frequency is guaranteed to ±10%.
In shutdown mode, the regulator draws less than 200µA
standby current. The regulator performs cycle-by-cycle cur-
rent limiting and thermal shutdown for protection under fault
conditions.
This series of simple switch-mode regulators requires a
minimum number of external components and can operate
using a standard series of inductors. Frequency compensa-
tion is provided internally.
The MIC4574 is available in the DIP (N) package and is rated
over the industrial temperature range.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
C1
47µF
35V
D1
1N5819
C2
220µF
16V
L1
100µH
SGND
FB
SW
MIC4574-5.0BN
SHDN
8V to 24V
5.0V/0.5A
VIN
PGND
24
1
7
3
5
Shutdown
Enable
Fixed Regulator
Features
•Fixed 200kHz operation
• 3.3V, 5V, and adjustable output versions
•Voltage over specified line and load conditions:
Fixed version: ±3% max. output voltage
Adjustable version: ±2% max. feedback voltage
•Guaranteed 0.5A switch current
•Wide 4V to 24V input voltage range
•Wide 1.23V to 20V output voltage range
•Requires minimum external components
•< 200µA typical shutdown mode
• 75% efficiency (adjustable version > 75% typ.)
•Standard inductors and capacitors are
25% of typical LM2574 values
•Thermal shutdown
•Overcurrent protection
• 100% electrical thermal limit burn-in
Applications
•Simple high-efficiency step-down (buck) regulator
•Efficient preregulator for linear regulators
•On-card switching regulators
•Positive-to-negative converter (inverting buck-boost)
• Isolated flyback converter using minimum external
components
•Negative boost converter
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4574YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4574-3.3BN MICREL-MIC4574-3.3BN Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4574-3.3BWM MICREL-MIC4574-3.3BWM Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4574-5.0BN MICREL-MIC4574-5.0BN Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4574-5.0BWM MICREL-MIC4574-5.0BWM Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
More results

Similar Description - MIC4574YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
52kHz Simple 0.5A Buck Regulator
MIC4574 MICREL-MIC4574 Datasheet
93Kb / 6P
200kHz Simple 0.5A Buck Voltage Regulator
MIC4575 MICREL-MIC4575 Datasheet
213Kb / 12P
200kHz Simple 1A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
52kHz Simple 0.5A Buck Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
200kHz Simple 1A Buck Regulator
MIC4576 MICREL-MIC4576_06 Datasheet
218Kb / 8P
200kHz Simple 3A Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com