Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5337 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5337
Description  1.2mm x 1.6mm 300mA Low IQ LDO Ultra Low Dropout with Auto Discharge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5337 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5337 Datasheet HTML 1Page - Micrel Semiconductor MIC5337 Datasheet HTML 2Page - Micrel Semiconductor MIC5337 Datasheet HTML 3Page - Micrel Semiconductor MIC5337 Datasheet HTML 4Page - Micrel Semiconductor MIC5337 Datasheet HTML 5Page - Micrel Semiconductor MIC5337 Datasheet HTML 6Page - Micrel Semiconductor MIC5337 Datasheet HTML 7Page - Micrel Semiconductor MIC5337 Datasheet HTML 8Page - Micrel Semiconductor MIC5337 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5337
1.2mm x 1.6mm 300mA Low IQ LDO
Ultra Low Dropout with Auto Discharge
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2008
M9999-090908-A
General Description
The MIC5337 is a low quiescent current, low dropout
regulator with an internal auto discharge feature designed
for optimal performance in a small space. The MIC5337 is
capable of sourcing 300mA of output current while only
consuming 24µA of operating current. When the MIC5337
is disabled an internal resistive load is automatically
applied to the output to discharge the output capacitor.
This high performance LDO offers fast transient response
as well as maintaining a high PSRR.
The MIC5337 is an ideal solution for battery operated
applications due to ultra low operating current and
extremely low dropout voltage of 180mV at 300mA.
Equipped with a TTL logic compatible enable pin, the
MIC5337 can be put into a zero-off-mode current state,
drawing virtually no current when disabled.
Board space and component cost is minimized because
the MIC5337 operates with very small 1μF ceramic
capacitors, provides fixed output voltages, and is available
in the tiny 1.2mm x 1.6mm Thin MLF package.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 300mA output current
• Low IQ: only 24µA operating current
• Low dropout voltage of 180mV @ 300mA
• Active discharge when enable pin is low
• Input voltage range: 2.3V to 5.5V
• Fixed output voltages
• Stable with 1μF ceramic capacitors
• Thermal shutdown and current limit protection
• Tiny 4-pin 1.2mm x 1.6mm Thin MLF® package
Applications
• Mobile phones
• GPS and navigation devices
• Portable media players
• Digital still and video cameras
• PDAs
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
MIC5337-xxYMT
VIN
VEN
VOUT
GND
1µF
1µF
VBAT
VOUT


Similar Part No. - MIC5337

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5337

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
logo
Richtek Technology Corp...
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Anpec Electronics Corop...
APL5308 ANPEC-APL5308_08 Datasheet
267Kb / 15P
Low IQ, Low Dropout 300mA Fixed Voltage Regulator
logo
E-CMOS Corporation
EC85XX E-CMOS-EC85XX Datasheet
220Kb / 6P
35V/2.6uA/200mA, Ultra-Low-Iq, Low Dropout LDO
logo
ACE Technology Co., LTD...
ACE5013T ACE-ACE5013T Datasheet
574Kb / 8P
300mA, Low Consumption Low Dropout, CMOS LDO
VER 1.1
logo
AiT Semiconductor Inc.
A6303A AITSEMI-A6303A Datasheet
1Mb / 15P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.5
A6303C AITSEMI-A6303C Datasheet
1,009Kb / 14P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303D AITSEMI-A6303D Datasheet
1Mb / 13P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST RESPONSE
REV1.2
A6303E AITSEMI-A6303E Datasheet
1Mb / 12P
CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA LOW POWER COMNSUMPTION
REV1.0
A6318 AITSEMI-A6318 Datasheet
974Kb / 13P
REGULATOR CMOS LOW DROPOUT REGULATOR (LDO) 300mA ULTRA-LOW NOISE, ULTRA-FAST
REV2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com