Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5337 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5337
Description  1.2mm x 1.6mm 300mA Low IQ LDO Ultra Low Dropout with Auto Discharge
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5337 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5337 Datasheet HTML 1Page - Micrel Semiconductor MIC5337 Datasheet HTML 2Page - Micrel Semiconductor MIC5337 Datasheet HTML 3Page - Micrel Semiconductor MIC5337 Datasheet HTML 4Page - Micrel Semiconductor MIC5337 Datasheet HTML 5Page - Micrel Semiconductor MIC5337 Datasheet HTML 6Page - Micrel Semiconductor MIC5337 Datasheet HTML 7Page - Micrel Semiconductor MIC5337 Datasheet HTML 8Page - Micrel Semiconductor MIC5337 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5337
September 2008
4
M9999-090908-A
Typical Characteristics
0
Power Supply
Rejection Ratio
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VEN = VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
150mA
300mA
50mA
100mA
0
20
40
60
80
100
120
140
160
180
200
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
0
50
100
150
200
250
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
150mA
300mA
16
18
20
22
24
26
28
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VEN = 3.8V
VOUT = 2.8V
CIN = COUT = 1µF
10
14
18
22
26
30
34
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Ground Current
vs. Input Voltage
300mA
150mA
100µA
VEN = VIN
VOUT = 2.8V
CIN = COUT = 1µF
14
18
22
26
30
Ground Current
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VIN = VEN = 3.8V
VOUT = 2.8V
CIN = COUT = 1µF
300mA
100µA
150mA
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
150mA
300mA
100µA
50mA
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
2.5
2.6
2.7
2.8
2.9
3.0
Output Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VEN = VIN = 3.8V
ILOAD = 100µA
CIN = COUT = 1µA
2.5
2.6
2.7
2.8
2.9
3.0
0
50 100 150 200 250 300
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VEN = 3.8V
CIN = COUT = 1µF
400
450
500
550
600
650
700
2.5
3.0 3.5
4.0 4.5
5.0 5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VEN = 1.2V
VOUT = 2.8V
CIN = COUT = 1µF
0.01
0.1
1
10
100
Output Noise
Spectral Density
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VIN = 4.5V
VOUT = 2.8V
COUT = 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com