Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC35152WD Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC35152WD
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC35152WD Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC35152WD Datasheet HTML 1Page - Micrel Semiconductor MIC35152WD Datasheet HTML 2Page - Micrel Semiconductor MIC35152WD Datasheet HTML 3Page - Micrel Semiconductor MIC35152WD Datasheet HTML 4Page - Micrel Semiconductor MIC35152WD Datasheet HTML 5Page - Micrel Semiconductor MIC35152WD Datasheet HTML 6Page - Micrel Semiconductor MIC35152WD Datasheet HTML 7Page - Micrel Semiconductor MIC35152WD Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Micrel, Inc.
MIC35152
October 2009
6
M9999-102309-A
Application Information
The MIC35152 is a high-performance low-dropout
voltage regulator suitable for moderate to high-current
regulator applications. Its 600mV dropout voltage at full
load and over-temperature makes it especially valuable
in battery-powered systems and as high-efficiency noise
filters in post-regulator applications. Unlike older NPN-
pass transistor designs, there the minimum dropout
voltage is limited by the based-to-emitter voltage drop
and collector-to-emitter saturation voltage, dropout
performance of the PNP output of these devices is
limited only by the low VCE saturation voltage.
A trade-off for the low dropout voltage is a varying base
drive requirement. Micrel’s Super ßeta PNP
® process
reduces this drive requirement to only 2% to 5% of the
load current.
The MIC35152 regulator is fully protected from damage
due to fault conditions. Current limiting is provided. This
limiting is linear; output current during overload
conditions is constant. Thermal shutdown disables the
device when the die temperature exceeds the maximum
safe operating temperature. Transient protection allows
device (and load) survival even when the input voltage
spikes above and below nominal. The output structure of
these regulators allows voltages in excess of the desired
output voltage to be applied without reverse current flow.
Thermal Design
Linear regulators are simple to use. The most
complicated design parameters to consider are thermal
characteristics. Thermal design requires the following
application-specific parameters:
•
Maximum ambient temperature (TA)
•
Output current (IOUT)
•
Output voltage (VOUT)
•
Input voltage (VIN)
•
Ground current (IGND)
First, calculate the power dissipation of the regulator
from these numbers and the device parameters from this
datasheet.
PD=(VIN–VOUT)IOUT+VIN IGND
Where the ground current is approximated by using
numbers from the “Electrical Characteristics” or “Typical
Characteristics.” Then, the heat sink thermal resistance
is determined with this formula:
θSA=((TJ(MAX)–TA)/PD)–(θJC+θCS)
Where TJ(MAX) ≤ 125°C and θCS is between 0°C and
2°C/W. The heat sink may be significantly reduced in
applications where the minimum input voltage is known
and is large compared with the dropout voltage. Use a
series input resistor to drop excessive voltage and
distribute the heat between this resistor and the
regulator. The low dropout properties of Micrel Super
ßeta PNP
® regulators allow significant reductions in
regulator power dissipation and the associated heat sink
without compromising performance. When this technique
is employed, a capacitor of at least 1.0µF is needed
directly between the input and regulator ground.
Refer to “Application Note 9” for further details and
examples on thermal design and heat sink applications.
With no heat sink in the application, calculate the
junction temperature to determine the maximum power
dissipation that will be allowed before exceeding the
maximum junction temperature of the MIC35152. The
maximum power allowed can be calculated using the
thermal resistance (θJA) of the D-Pak adhering to the
following criteria for the PCB design: 2 oz. copper and
100mm
2 copper area for the MIC35152.
As an example, given an expected maximum ambient
temperature (TA) of 75°C with VIN = 2.25V, VOUT = 1.75V,
and IOUT = 1.5A, first calculate the expected PD using
Equation (1);
PD=(2.25V–1.75V)1.5A+(2.25V)(0.027A)=0.811W
Next, calcualte the junction temperature for the expected
power dissipation.
TJ=(θJA×PD)+TA=(56°C/W×0.811W)+75°C=120.4°C
Now determine the maximum power dissipation allowed
that would not exceed the IC’s maximum junction
temperature (125
°C) without the use of a heat sink by
PD(MAX)=(TJ(MAX)–TA)/θJA=(125°C–75°C)/(56°C/W)=0.893W
Output Capacitor
The MIC35152 requires an output capacitor for stable
operation. As a µCap LDO, the MIC35152 can operate
with ceramic output capacitors as long as the amount of
capacitance is 47µF or greater. For values of output
capacitance lower than 47µF, the recommended ESR
range is 200mΩ to 2Ω. The minimum value of output
capacitance recommended for the MIC35152 is 10µF.
For 47µF or greater, the ESR range recommended is
less than 1Ω. Ultra-low ESR ceramic capacitors are
recommended for output capacitance of 47µF or greater
to help improve transient response and noise reduction
at high frequency. X7R/X5R dielectric-type ceramic
capacitors
are
recommended
because
of
their
temperature performance. X7R-type capacitors change
capacitance by 15% over their operating temperature
range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change
value by as much as 50% and 60% respectively over
their operating temperature ranges. To use a ceramic
chip capacitor with Y5V dielectric, the value must be
much higher than an X7R ceramic capacitor to ensure
the same minimum capacitance over the equivalent
operating temperature range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com