Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC35152WD Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC35152WD
Description  1.5A, Low Voltage 關Cap LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC35152WD Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC35152WD Datasheet HTML 1Page - Micrel Semiconductor MIC35152WD Datasheet HTML 2Page - Micrel Semiconductor MIC35152WD Datasheet HTML 3Page - Micrel Semiconductor MIC35152WD Datasheet HTML 4Page - Micrel Semiconductor MIC35152WD Datasheet HTML 5Page - Micrel Semiconductor MIC35152WD Datasheet HTML 6Page - Micrel Semiconductor MIC35152WD Datasheet HTML 7Page - Micrel Semiconductor MIC35152WD Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MIC35152
1.5A, Low Voltage µCap LDO Regulator
**See Thermal Design Section
Super ßeta PNP is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
October 2009
M9999-102309-A
General Description
The MIC35152 is a 1.5A low-dropout linear voltage
regulator that provides a low voltage, high current output
with a minimum of external components. It offers high
precision, ultra-low dropout (600mV over temperature),
and low ground current.
The MIC35152 operates from an input of 2.25V to 6.0V. It
is designed to drive digital circuits requiring low voltage at
high currents (i.e., PLDs, DSPs, micro-controllers, etc.),
providing an adjustable output voltage from 1.24V to 5.4V.
Features of the MIC35152 LDO include current limiting
and thermal protection, and reverse current and reverse
battery protection. Also logic (active-HIGH) enable pin is
included. The MIC35152 is available in a 5-pin power
D-Pak package (TO-252) with and operating temperature
range of –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 1.5A minimum guaranteed output current
• 600mV maximum dropout voltage over temperature
–
Ideal for 3.0V to 2.5V conversion
–
Ideal for 2.5V to 1.8V, 1.65V, or 1.5V conversion
• Stable with ceramic or tantalum capacitor
• Wide input voltage range
–
VIN: 2.25V to 6.0V
• ±1.0% initial output tolerance
• Excellent line and load regulation specifications
• Logic controlled shutdown
• Thermal shutdown and current limit protection
• Reverse-leakage protection
• –40°C to +125°C junction temperature
• Power D-Pak package (TO-252)
Applications
• LDO linear regulator for low-voltage digital IC
• PC add-in cards
• High efficiency linear power supplies
• SMPS post regulator
• Battery charger
Typical Application**
Adjustable Regulator Application
(*See Minimum Load Curren Section)


Similar Part No. - MIC35152WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC35302WD MICREL-MIC35302WD Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC35152WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
High Input Voltage Low IQ 關Cap LDO Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
3A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
1.5A, Low-Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
3.0A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
5A, Low Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com