Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39101 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC39101
Description  1A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39101 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC39101 Datasheet HTML 4Page - Micrel Semiconductor MIC39101 Datasheet HTML 5Page - Micrel Semiconductor MIC39101 Datasheet HTML 6Page - Micrel Semiconductor MIC39101 Datasheet HTML 7Page - Micrel Semiconductor MIC39101 Datasheet HTML 8Page - Micrel Semiconductor MIC39101 Datasheet HTML 9Page - Micrel Semiconductor MIC39101 Datasheet HTML 10Page - Micrel Semiconductor MIC39101 Datasheet HTML 11Page - Micrel Semiconductor MIC39101 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC39100/39101/39102
Micrel
M9999-082505
8
August 2005
Functional Diagrams
Ref.
18V
OV ILIMIT
Thermal
Shut-
down
1.240V
IN
OUT
GND
MIC39100
MIC39100 Fixed Regulator Block Diagram
Ref.
18V
O.V.
ILIMIT
Thermal
Shut-
down
1.240V
1.180V
E N
IN
FL AG
GND
OUT
MIC39101
MIC39101 Fixed Regulator with Flag and Enable Block Diagram
Ref.
18V
O.V.
ILIMIT
Thermal
Shut-
down
1.240V
E N
IN
GND
OUT
ADJ
MIC39102
MIC39102 Adjustable Regulator Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com