Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39101 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC39101
Description  1A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39101 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC39101 Datasheet HTML 1Page - Micrel Semiconductor MIC39101 Datasheet HTML 2Page - Micrel Semiconductor MIC39101 Datasheet HTML 3Page - Micrel Semiconductor MIC39101 Datasheet HTML 4Page - Micrel Semiconductor MIC39101 Datasheet HTML 5Page - Micrel Semiconductor MIC39101 Datasheet HTML 6Page - Micrel Semiconductor MIC39101 Datasheet HTML 7Page - Micrel Semiconductor MIC39101 Datasheet HTML 8Page - Micrel Semiconductor MIC39101 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC39100/39101/39102
Micrel
M9999-082505
2
August 2005
Pin Configuration
IN
OUT
GND
1
3
2
TAB
GND
MIC39100-x.x
Fixed
SOT-223 (S)
1
EN
IN
OUT
FLG
8 GND
GND
GND
GND
7
6
5
2
3
4
MIC39101-x.x
Fixed
SOIC-8 (M)
1
EN
IN
OUT
ADJ
8 GND
GND
GND
GND
7
6
5
2
3
4
MIC39102
Adjustable
SOIC-8 (M)
Pin Description
Pin No.
Pin No.
Pin No.
Pin Name
Pin Function
MIC39100 MIC39101 MIC39102
1
1
1
EN
Enable (Input): CMOS-compatible control input. Logic high = enable, logic
low or open = shutdown.
2
2
IN
Supply (Input)
3
3
3
OUT
Regulator Output
4
FLG
Flag (Output): Open-collector error flag output. Active low = output under-
voltage.
4
ADJ
Adjustment Input: Feedback input. Connect to resitive voltage-divider
network.
2, TAB
5–8
5–8
GND
Ground
Ordering Information
Part Number
Voltage Junction Temp. Range
Package
Standard
RoHS Compliant
MIC39100-1.8BS
MIC39100-1.8WS*
1.8V
-40°C to +125°C
SOT-223
MIC39100-2.5BS
MIC39100-2.5WS*
2.5V
-40°C to +125°C
SOT-223
MIC39100-3.3BS
MIC39100-3.3WS*
3.3V
-40°C to +125°C
SOT-223
MIC39100-5.0BS
MIC39100-5.0WS*
5.0V
-40°C to +125°C
SOT-223
MIC39101-1.8BM MIC39101-1.8YM
1.8V
-40°C to +125°C
SOIC-8
MIC39101-2.5BM MIC39101-2.5YM
2.5V
-40°C to +125°C
SOIC-8
MIC39101-3.3BM MIC39101-3.3YM
3.3V
-40°C to +125°C
SOIC-8
MIC39101-5.0BM MIC39101-5.0YM
5.0V
-40°C to +125°C
SOIC-8
MIC39102BM
MIC39102YM
Adj.
-40°C to +125°C
SOIC-8
* RoHS compliant with ‘high-melting solder’ exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com