Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLB1600 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLB1600 Datasheet HTML 1Page - Diodes Incorporated ZXLB1600 Datasheet HTML 2Page - Diodes Incorporated ZXLB1600 Datasheet HTML 3Page - Diodes Incorporated ZXLB1600 Datasheet HTML 4Page - Diodes Incorporated ZXLB1600 Datasheet HTML 5Page - Diodes Incorporated ZXLB1600 Datasheet HTML 6Page - Diodes Incorporated ZXLB1600 Datasheet HTML 7Page - Diodes Incorporated ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PIN CONNECTIONS
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
SEMICO NDUC TORS
4
DEVICE
DEVICE DESCRIPTION
TEMPERATURE
RANGE
PART MARK
ZXLB1600X10TA
Boost converter for LCD bias in MSOP10
0 C to 70 C
ZXLB1600
ZXLB1600X10TC
Boost converter for LCD bias in MSOP10
0 C to 70 C
ZXLB1600
ORDERING INFORMATION
TA reels 1k,
TC reels 4k devices.
Pin #
Name
Description
1
ADJ
Internal (or external) reference voltage.
Can be overdriven to adjust output voltage
2
EN
Enable input (active high)
Also used to adjust output voltage by PWM signal
3
VIN
Input voltage
4
SW
Output of high side PMOS isolation switch
5
SENSE
Output voltage sense
6
LX
Output of NMOS switch
7
LBF
Low battery flag output: open drain
(active low for low battery voltage)
Active when EN is high or low
8
GND
Ground
9
FB
Voltage feedback pin for output (threshold 1.23V)
10
LBT
Low battery flag threshold adjust input
(threshold 1.21V)
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com