Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLB1600 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLB1600
Description  LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLB1600 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLB1600 Datasheet HTML 1Page - Diodes Incorporated ZXLB1600 Datasheet HTML 2Page - Diodes Incorporated ZXLB1600 Datasheet HTML 3Page - Diodes Incorporated ZXLB1600 Datasheet HTML 4Page - Diodes Incorporated ZXLB1600 Datasheet HTML 5Page - Diodes Incorporated ZXLB1600 Datasheet HTML 6Page - Diodes Incorporated ZXLB1600 Datasheet HTML 7Page - Diodes Incorporated ZXLB1600 Datasheet HTML 8Page - Diodes Incorporated ZXLB1600 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DESCRIPTION
The ZXLB1600 inductive switching boost converter
accepts an input voltage of between 1.6V and 5.5V and
provides an adjustable output voltage of up to 28V for
LCD and OLED bias. The device contains an output
switch and a second switch to isolate the coil from the
input to provide true isolation in shutdown mode. The
output can be adjusted by means of an externally
applied dc voltage, a PWM control signal, or external
feedback resistors and can supply typically 10mA of
output current at maximum output voltage. Higher
current is available at lower output voltages.
The input voltage range accepts a number of battery
solutions, including dual dry cell and single Li-Ion cells
and PFM operation mode allows the output to be
regulated with high efficiency under light or no load
conditions. The switching frequency range permits the
use of miniature surface mount inductors.
A low battery comparator is provided to indicate when
the input voltage has fallen to within
±2% of a preset
threshold. This threshold is set internally , but can be
adjusted externally to any voltage within the supply
voltage range.
FEATURES
• Wide input voltage range: 1.6 to 5.5V
• Adjustable output voltage up to 28V, using PWM
or analog control voltage
• Internal PWM filter
• True shutdown (output isolated from input)
• Internal output switch and current sense
• Low quiescent current: (75 A max)
• 5 A (max) shutdown current (including low
battery comparator)
• Up to 500kHz switching frequency
• High efficiency
• Small MSOP10 package
• Low external component count
APPLICATIONS
• PDAs
• Mobile phones - OLED sub displays
• Digital cameras
• Portable internet appliances
• Palmtop computers
• GPS terminals
ZXLB1600
ISSUE 3 - SEPTEMBER 2003
SEMICO NDUC TORS
1
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
TYPICAL APPLICATION CIRCUIT


Similar Part No. - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
ZXLB1600 ZETEX-ZXLB1600 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600X10 ZETEX-ZXLB1600X10 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
ZXLB1600X10TA ZETEX-ZXLB1600X10TA Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
ZXLB1600X10TC ZETEX-ZXLB1600X10TC Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
More results

Similar Description - ZXLB1600

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8152FVM ROHM-BD8152FVM Datasheet
355Kb / 6P
TFT-LCD Bias Boost Converter
BD8157EFV ROHM-BD8157EFV Datasheet
333Kb / 6P
TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
BD8158FVM ROHM-BD8158FVM Datasheet
302Kb / 6P
TFT-LCD Bias Boost Converter
logo
National Semiconductor ...
LM8305 NSC-LM8305 Datasheet
72Kb / 1P
STN LCD Display Bias Voltage source
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600_03 Datasheet
223Kb / 16P
LCD AND OLED BIAS BOOST CONVERTER - STN, CSTN SCREENS
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
Boost converter for the bias voltage of small size OLED and LCD displays
ZXLD1615Q DIODES-ZXLD1615Q Datasheet
654Kb / 11P
AUTOMOTIVE COMPLIANT HIGH LCD BIAS GENERATOR BOOST CONVERTER
Rev 1
ZXLD1615Q DIODES-ZXLD1615Q_17 Datasheet
505Kb / 12P
AUTOMOTIVE COMPLIANT LCD BIAS GENERATOR BOOST CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com