Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1937 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1937
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1937 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1937 Datasheet HTML 5Page - Diodes Incorporated ZXLD1937 Datasheet HTML 6Page - Diodes Incorporated ZXLD1937 Datasheet HTML 7Page - Diodes Incorporated ZXLD1937 Datasheet HTML 8Page - Diodes Incorporated ZXLD1937 Datasheet HTML 9Page - Diodes Incorporated ZXLD1937 Datasheet HTML 10Page - Diodes Incorporated ZXLD1937 Datasheet HTML 11Page - Diodes Incorporated ZXLD1937 Datasheet HTML 12Page - Diodes Incorporated ZXLD1937 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Dimming Control using a DC voltage
For applications where the EN pin is not available a DC
voltage can be used to control dimming. By adding
resistors R2 and R3 and applying a DC voltage, the LED
current can be adjusted from 100% to 0%. As the DC
voltage increases, the voltage drop across R2 increases
and the voltage drop across R1 decreases, thus
reducing the current through the LEDs. Selection of R2
and R3 should ensure that the current from the DC
voltage is much less than the LED current and much
larger than the feedback current. The component
values in the diagram below represent 0% to 100%
dimming control from a 0 to 2V DC voltage.
Dimming Control using a filtered PWM signal
The filtered PWM signal can be considered as an
adjustable DC voltage by applying a RC filter. The
values shown in the diagram below are configured to
give 0% to 100% dimming for a 1kHz to 100kHz PWM
signal with a 2V amplitude. e.g. a 50% duty cycle will
give 50% dimming.
Dimming Control using a logic signal
For applications where the LED current needs to be
adjusted in discrete steps a logic signal can be applied
as shown in the diagram below. When Q1 os 'off', R1
sets the minimum LED current. When Q1 is 'on', R2 sets
the LED current that will be added to the minimum LED
current. The formula for selecting values for R1 and R2
are given below:
MOSFET ‘off’
I
V
R
LED MIN
FB
LED
() =
MOSFET ‘on’
I
V
R
I
LED MAX
LED
LED MIN
FB
()
(
)
=+
where VFB = 100mV
ZXLD1937
SEMICO NDUC TORS
ISSUE 1 - JULY 2004
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com