Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1937 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1937
Description  ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH IN TSOT23-5
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1937 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1937 Datasheet HTML 1Page - Diodes Incorporated ZXLD1937 Datasheet HTML 2Page - Diodes Incorporated ZXLD1937 Datasheet HTML 3Page - Diodes Incorporated ZXLD1937 Datasheet HTML 4Page - Diodes Incorporated ZXLD1937 Datasheet HTML 5Page - Diodes Incorporated ZXLD1937 Datasheet HTML 6Page - Diodes Incorporated ZXLD1937 Datasheet HTML 7Page - Diodes Incorporated ZXLD1937 Datasheet HTML 8Page - Diodes Incorporated ZXLD1937 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ZXLD1937
SEMICO NDUC TORS
ISSUE 1 - JULY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Input voltage
(VIN)7
V
LX output voltage
(VLX)30
V
Switch output current
(ILX)
500
mA
Power dissipation
(PD)
300
mW
Operating temperature
(TOP)
-40 to 85
°C
Storage temperature
(TST)
-55 to 150
°C
Junction temperature
(Tj MAX)
125
°C
ABSOLUTE MAXIMUM RATINGS (Voltages to GND unless otherwise stated)
NOTES:
Operation above the absolute maximum may cause device failure. Operation at the absolute maximum ratings for extended periods may reduce
device reliability.
DEVICE
DEVICE DESCRIPTION
TEMPERATURE RANGE
PART MARK
TAPING
OPTIONS
ZXLD1937ET5
Boost converter in TSOT23-5
-40°C to +85°C
1937
TA, TC
ORDERING INFORMATION
ZXLD1937ET5TA for 7” reel of 3,000 devices
ZXLD1937ET5TC for 13” reel of 10,000 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com