Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7267 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7267 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC7267 Datasheet HTML 1Page - Sanyo Semicon Device LC7267 Datasheet HTML 2Page - Sanyo Semicon Device LC7267 Datasheet HTML 3Page - Sanyo Semicon Device LC7267 Datasheet HTML 4Page - Sanyo Semicon Device LC7267 Datasheet HTML 5Page - Sanyo Semicon Device LC7267 Datasheet HTML 6Page - Sanyo Semicon Device LC7267 Datasheet HTML 7Page - Sanyo Semicon Device LC7267 Datasheet HTML 8Page - Sanyo Semicon Device LC7267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Continued from preceding page.
Parameter
Symbol
Conditions
min
typ
max
Unit
Output low-level voltage
VOL1PM VDD = 4.5 to 10 V, IOL =45mA
0
1.0
V
VOL2
b&e VDD = 4.5 to 10 V, IOL =30mA
0
1.0
V
VOL3
Other outputs seg, VDD = 4.5 to 10 V, IOL =15mA
0
1.0
V
Output off leakage current
IOFF
All segments output pins, VOUT =13V
0
10
µA
Current drain
IDD
FM mode, FM/AM = VDD,fIN1 = 18 MHz, 0.7Vp-p
(or AM mode, FM/AM = VSS,fIN2 = 3 MHz, 0.5Vp-p)
fIN3 = 7.2 MHz, 1Vp-p,
FIF1, FIF2, FIF3 = VDD
AIF1, AIF2 = VDD
12H/24H, CTR/CLK, INHI, DEMAND = VDD
18
mA
Pin Assignment
Configuration and Display Font
4 or 4-1/2-digit segment LED’s are used to display time and frequency in the display font shown below.
Lighting System
Static lighting
Display Range
.
Frequency (MW, LW)
000 kHz to 1999 kHz (The highest-order digit ‘‘0’’ is blanked out.)
.
Frequency (FM)
00.00 MHz to 199.95 MHz (The highest-order digit ‘‘0’’ is blanked out.)
.
Clock (12-hour)
PM 12:00 to PM 11:59
→ 12:00 to 11:59
↑
.
Clock (24-hour)
0:00 to 23:59 (The highest-order digit ‘‘0’’ is blanked out.)
Pin Description
.
a to g, PM, b&e: LED driver pin
Font
LC7267
No. 1511- 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com