Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC7267 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7267
Description  Digital Display of Clock/Receiving Frequency for Radio Set Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7267 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7267 Datasheet HTML 1Page - Sanyo Semicon Device LC7267 Datasheet HTML 2Page - Sanyo Semicon Device LC7267 Datasheet HTML 3Page - Sanyo Semicon Device LC7267 Datasheet HTML 4Page - Sanyo Semicon Device LC7267 Datasheet HTML 5Page - Sanyo Semicon Device LC7267 Datasheet HTML 6Page - Sanyo Semicon Device LC7267 Datasheet HTML 7Page - Sanyo Semicon Device LC7267 Datasheet HTML 8Page - Sanyo Semicon Device LC7267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
.
VDD,VSS:
Power supply pin
.
XIN,XOUT:
Crystal oscillator, input amplifier pin
.
FIF1, FIF2, FIF3: FM IF offset value select pin
FIF1
00001111
FIF2
00110011
FIF3
01010101
IF (MHz)
+10.700
+10.725
+10.675
+10.750
–10.700
–10.725
–10.675
–10.650
.
AIF1, AIF2: AM IF offset value select pin
AIF1
0011
AIF2
1001
IF (kHz)
+450 (1)
+450 (2)
+455
+469
Display step
10 kHz
1 kHz step
1: High level
0: Low level
(Note) 450 kHz (1): 10 kHz-step display, others: 1 kHz-step display
.
FMI, AMI: Local OSC signal input pin
FMI: For FM
AMI: For MW, LW
.
FM/AM:
FM/MW, LW select pin
FM:
High level
MW, LW: Low level
.
CTR/CLK: Frequency display/time display select pin
CTR (Counter): High level
CLK (Clock):
Low level
.
DEMAND: Input pin for instructing execution of setting
CTR/CLK
DEMAND
MODE
0
1
Mode of setting by the time signal and hours-minutes setting mode
0
0
Time display mode
.
SET:
Input pin for setting hours-minutes
This pin is set at ‘‘M’’ level normally. The input signal of ‘‘H’’/‘‘L’’ level acts as follows:
When in the mode of setting by the time signal and hours-minutes setting mode (CTR/CLK = ‘‘L’’, DEMAND = ‘‘H’’)
High level: Execution of hours setting
Advance ata2Hz rate 1.2 seconds after the pin is set to ‘‘H’’ level.
Low level: Execution of setting by the time signal and minutes setting
Advance ata2Hz rate 1.2 seconds after the pin is set to ‘‘L’’ level.
Setting by the time signal is executed when the pin is set off within 1.0 second after set to ‘‘L’’ level.
No carry to high-order digit occurs.
.
INHI:
Input pin for turning OFF the segment pins, inhibiting the SET/DEMAND pin from functioning, and preventing the
AMI amp from operating
High level: Normal operation
Low level: Segment pin OFF, SET/DEMAND pin function inhibit
.
12H/24H: Input pin for selecting 12-hour system with PM sign/24-hour system
High level: 12-hour system with PM sign
Low level: 24-hour system
Crystal oscillator
Input amplifier
LC7267
No. 1511- 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com