Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP7A17K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMP7A17K
Description  70V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP7A17K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMP7A17K Datasheet HTML 1Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 2Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 3Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 4Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 5Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 6Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 7Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 2 - August 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXMP7A17K
70V P-channel enhancement mode MOSFET
Summary
VDSS=70V : RDS(on)=0.16
ID=5.7A
Description
This new generation of trench MOSFETs from Zetex utilizes a unique
structure that combines the benefits of low on-resistance with fast
switching speed. This makes them ideal for high efficiency, low voltage
power management applications.
Features
•
Low on-resistance
•
Fast switching speed
•
Low threshold
•
Low gate drive
•
DPAK package
Applications
•
DC-DC converters
•
Power management functions
•
Disconnect switches
•
Motor control
•
Class D audio output stages
Ordering information
Device marking
ZXMP
7A17
Device
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXMP7A17KTC
13
16
2,500
D
S
G
GS
D
D
Pinout - top view


Similar Part No. - ZXMP7A17K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17K ZETEX-ZXMP7A17K Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
logo
Inchange Semiconductor ...
ZXMP7A17K ISC-ZXMP7A17K Datasheet
306Kb / 2P
isc P-Channel MOSFET Transistor
logo
Diodes Incorporated
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP7A17KQTC DIODES-ZXMP7A17KQTC Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
Zetex Semiconductors
ZXMP7A17KTC ZETEX-ZXMP7A17KTC Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
More results

Similar Description - ZXMP7A17K

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP7A17K ZETEX-ZXMP7A17K Datasheet
558Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMP7A17G ZETEX-ZXMP7A17G Datasheet
429Kb / 8P
70V P-channel enhancement mode MOSFET
ZXMN7A11G ZETEX-ZXMN7A11G Datasheet
416Kb / 8P
70V N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN7A11K DIODES-ZXMN7A11K Datasheet
530Kb / 8P
70V N-channel enhancement mode MOSFET
AUGUST 2006
ZXMP7A17G DIODES-ZXMP7A17G Datasheet
434Kb / 8P
70V P-channel enhancement mode MOSFET
MARCH 2006
ZXMN7A11G DIODES-ZXMN7A11G_15 Datasheet
1Mb / 8P
70V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
ZXMP7A17G DIODES-ZXMP7A17G_15 Datasheet
318Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
ZXMP7A17GQ DIODES-ZXMP7A17GQ_15 Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMP7A17KQ DIODES-ZXMP7A17KQ Datasheet
857Kb / 7P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
ZXMP7A17GQ DIODES-ZXMP7A17GQ Datasheet
697Kb / 6P
70V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com