Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMP7A17K Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP7A17K
Description  70V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP7A17K Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP7A17K Datasheet HTML 1Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 2Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 3Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 4Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 5Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 6Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 7Page - Diodes Incorporated ZXMP7A17K Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXMP7A17K
Issue 2 - August 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Static
Drain-source breakdown
voltage
V(BR)DSS
-70
V
ID= -250 A, VGS=0V
Zero gate voltage drain
current
IDSS
-1
AVDS= -70V, VGS=0V
Gate-body leakage
IGSS
100
nA
VGS=±20V, VDS=0V
Gate-source threshold voltage VGS(th)
-1.0
V
ID= -250 A, VDS=VGS
Static drain-source on-state
resistance (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
RDS(on)
0.16
VGS= -10V, ID= -2.1A
0.25
VGS= -4.5V, ID = -1.7A
Forward transconductance(*)(‡) gfs
4.4
S
VDS= -15V, ID= -2.1A
Dynamic(‡)
Input capacitance
Ciss
635
pF
VDS= -40V, VGS=0V
f=1MHz
Output capacitance
Coss
52
pF
Reverse transfer capacitance
Crss
42.5
pF
Switching (†) (‡)
(†) Switching characteristics are independent of operating junction temperature.
(‡) For design aid only, not subject to production testing.
Turn-on-delay time
td(on)
2.5
ns
VDD= -35V, ID= -1A
RG≅6.0 , VGS= -10V
Rise time
tr
3.4
ns
Turn-off delay time
td(off)
27.9
ns
Fall time
tf
8ns
Total gate charge
Qg
9.6
nC
VDS= -35V, VGS= -5V
ID= -2.1A
Total gate charge
Qg
18
nC
VDS= -35V, VGS= -10V
ID= -2.1A
Gate-source charge
Qgs
1.77
nC
Gate drain charge
Qgd
3.66
nC
Source-drain diode
Diode forward voltage(*)
VSD
-0.85
-0.95
V
Tj=25°C, IS= -2.0A,
VGS=0V
Reverse recovery time(‡)
trr
29.8
ns
Tj=25°C, IS= -2.1A,
di/dt=100A/ s
Reverse recovery charge(‡)
Qrr
38.5
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com