Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTP2027F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2027F
Description  60V, SOT23, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2027F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2027F Datasheet HTML 1Page - Diodes Incorporated ZXTP2027F Datasheet HTML 2Page - Diodes Incorporated ZXTP2027F Datasheet HTML 3Page - Diodes Incorporated ZXTP2027F Datasheet HTML 4Page - Diodes Incorporated ZXTP2027F Datasheet HTML 5Page - Diodes Incorporated ZXTP2027F Datasheet HTML 6Page - Diodes Incorporated ZXTP2027F Datasheet HTML 7Page - Diodes Incorporated ZXTP2027F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 3 - May 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP2027F
60V, SOT23, PNP medium power transistor
Summary
V(BR)CEV > -100V, V(BR)CEO > -60V
IC(cont) = -4A
RCE(sat) = 31 m typical
VCE(sat) < -60 mV @ -1A
PD = 1.2W
Complementary part number ZXTN2018F
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it ideally suited
to applications where space is at a premium.
Features
•
Higher power dissipation SOT23 package
•
High peak current
•
Low saturation voltage
•
100V forward blocking voltage
Applications
•
MOSFET and IGBT gate driving
•
Motor drive
•
Relay, lamp and solenoid drive
•
High side switches
Ordering information
Device marking
951
Device
Reel size
(inches)
Tape width
Quantity per reel
ZXTP2027FTA
7
8mm
3,000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - ZXTP2027F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP2027FTA ZETEX-ZXTP2027FTA Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP2027F DIODES-ZXTP2027F_15 Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
More results

Similar Description - ZXTP2027F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP25060BFH ZETEX-ZXTP25060BFH Datasheet
388Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25060BFH DIODES-ZXTN25060BFH Datasheet
399Kb / 6P
60V, SOT23, NPN medium power transistor
MARCH 2006
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
FMMT591TC DIODES-FMMT591TC Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591 DIODES-FMMT591_15 Datasheet
476Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 6
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
ZXTP2027F DIODES-ZXTP2027F_15 Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25060BFH DIODES-ZXTP25060BFH_15 Datasheet
229Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com