Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9268 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 10Page - Maxim Integrated Products MAX9268 Datasheet HTML 11Page - Maxim Integrated Products MAX9268 Datasheet HTML 12Page - Maxim Integrated Products MAX9268 Datasheet HTML 13Page - Maxim Integrated Products MAX9268 Datasheet HTML 14Page - Maxim Integrated Products MAX9268 Datasheet HTML 15Page - Maxim Integrated Products MAX9268 Datasheet HTML 16Page - Maxim Integrated Products MAX9268 Datasheet HTML 17Page - Maxim Integrated Products MAX9268 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
14 _____________________________________________________________________________________
Table 1. Power-Up Default Register Map (see Table 12) (continued)
REGISTER
ADDRESS
(hex)
POWER-UP
DEFAULT
(hex)
POWER-UP DEFAULT SETTINGS
(MSB FIRST)
0x04
0x03 or 0x13
LOCKED = 0, LOCK output is low (read only)
OUTENB = 0, outputs enabled
PRBSEN = 0, PRBS test disabled
SLEEP = 0 or 1, SLEEP setting default depends on CDS and MS pin state at power-up
(see the Link Startup Procedure section)
INTTYPE = 00, base mode uses I2C
REVCCEN = 1, reverse control channel active (sending)
FWDCCEN = 1, forward control channel active (receiving)
0x05
0x24 or 0x29
I2CMETHOD = 0, I2C master sends the register address
HPFTUNE = 01, 3.75MHz equalizer highpass cutoff frequency
PDHF = 0, high-frequency boosting disabled
EQTUNE = 0100 (EQS = high, 5.2dB), EQTUNE = 1001 (EQS = low, 10.7dB), EQTUNE
default setting depends on EQS pin state at power-up
0x06
0x0F
RESERVED = 0
AUTORST = 0, error registers/output autoreset disabled
DISINT = 0, INT transmission enabled
INT = 0, INT output is low (read only)
GPIO1OUT = 1, GPIO1 output set to high
GPIO1 = 1, GPIO1 input = high (read only)
GPIO0OUT = 1, GPIO0 output set to high
GPIO0 = 1, GPIO0 input = high (read only)
0x07
0x54
RESERVED = 01010100
0x08
0x30
RESERVED = 00110000
0x09
0xC8
RESERVED = 11001000
0x0A
0x12
RESERVED = 00010010
0x0B
0x20
RESERVED = 00100000
0x0C
0x00
ERRTHR = 00000000, error threshold set to zero for decoding errors
0x0D
0x00
(read only)
DECERR = 00000000, zero decoding errors detected
0x0E
0x00
(read only)
PRBSERR = 00000000, zero PRBS errors detected
0x12
0x00
MCLKSRC = 0, MCLK is derived from PCLK (see Table 5)
MCLKDIV = 0000000, MCLK output is disabled
0x13
0xX0
RESERVED = XXX
RESERVED = 10000
0x14
0x01
RESERVED = 00
FORCELVDS = 0, normal LVDS operation
DCS = 0, normal CMOS driver current strength
DISCNTL1 = 0, serial-data bit 27 is mapped to CNTL1
DISRES = 0, serial-data bit 27 is mapped to RES
ILVDS = 01, 3.5mA LVDS output current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com