Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9268 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX9268
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX9268 Datasheet HTML 14Page - Maxim Integrated Products MAX9268 Datasheet HTML 15Page - Maxim Integrated Products MAX9268 Datasheet HTML 16Page - Maxim Integrated Products MAX9268 Datasheet HTML 17Page - Maxim Integrated Products MAX9268 Datasheet HTML 18Page - Maxim Integrated Products MAX9268 Datasheet HTML 19Page - Maxim Integrated Products MAX9268 Datasheet HTML 20Page - Maxim Integrated Products MAX9268 Datasheet HTML 21Page - Maxim Integrated Products MAX9268 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
18 _____________________________________________________________________________________
Reserved Bit (RES)/CNTL1
In 4-channel mode, the MAX9268 deserializes serial-
data bit 27 to both RES and CNTL1 by default (both
DISCNTL and DISRES = 0). Setting DISRES (D2 of
register 0x14) = 1 forces RES low. Setting DISCNTL1 (D3
of register 0x14) = 1 forces CNTL1 low.
Reverse Control Channel
The GMSL serializer uses the reverse control
channel to receive I2C/UART and interrupt signals from
the MAX9268 in the opposite direction of the video
stream. The reverse control channel and forward video
data coexist on the same twisted pair forming a bidirec-
tional link. The reverse control channel operates inde-
pendently from the forward control channel. The reverse
control channel is available 500Fs after power-up. The
GMSL serializer temporarily disables the reverse control
channel for 350Fs after starting/stopping the forward
serial link.
Data-Rate Selection
The MAX9268 uses the DRS input to set the TXCLKOUT_
frequency. Set DRS high for a TXCLKOUT_ frequency
of 6.25MHz to 12.5MHz (4-channel mode), or 8.33MHz
to 16.66MHz (3-channel mode). Set DRS low for normal
operation with a TXCLKOUT_ frequency of 12.5MHz
to 78MHz (4-channel mode), or 16.66MHz to 104MHz
(3-channel mode).
Audio Channel
The I2S audio channel supports audio sampling rates
from 8kHz to 192kHz and audio word lengths from 4 bits
to 32 bits. The audio bit clock (SCK) does not have to
be synchronized with TXCLKOUT_. The GMSL serializer
automatically encodes audio data into a single bit stream
Figure 14. 3-Channel Mode Serial Link Data Format
Figure 15. 4-Channel Mode Serial Link Data Format
NOTE: TYPICAL LOCATIONS OF THE RGB DATA AND CONTROL SIGNALS.
DOUT0
LVDS
DATA
(3 CHANNELS)
DOUT1
DOUT17 DOUT18 DOUT19 DOUT20 ACB
FCC
PCB
24 BITS
AUDIO
CHANNEL BIT
FORWARD
CONTROL-
CHANNEL BIT
PACKET
PARITY
CHECK BIT
R0
R1
B5
HS
VS
DE
DOUT21
LVDS
DATA
(TXOUT3_)
DOUT22
DOUT25 DOUT26 DOUT27 DOUT28 ACB
FCC
PCB
32 BITS
AUDIO
CHANNEL/CNTL0
BIT
FORWARD
CONTROL-
CHANNEL BIT
PACKET
PARITY
CHECK BIT
R6
R7
B6
DOUT24
G7
DOUT23
G6
B7
CNTL2
RES/CNTL1*
DOUT1
LVDS
DATA
(TXOUT[2:0]_)
DOUT18 DOUT19 DOUT20
R1
DOUT0
R0
HS
DOUT17
B5
VS
DE
*DOUT27 OUTPUTS TO LVDS DATA (TXOUT3_) AND/OR EXTERNAL PIN (CNTL1).
NOTE: TYPICAL LOCATIONS OF THE LVDS RGB DATA AND CONTROL SIGNALS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com