Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5550 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5550
Description  High-Speed Switching Application for Inverter Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5550 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5550 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5550
2004-07-26
4
Collector-emitter voltage VCE (V)
Safe Operating Area
IC – VBE
Base-emitter voltage VBE (V)
0
0.4
0.8
1.2
2.4
2
0
0.8
1.6
100
25
Tc = −55°C
2
1.2
0.4
1.6
Common emitter
VCE = 5 V
0.03
1
0.01
0.1
1
10
1000
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (pulsed)*
IC max (continuous)
DC operation
Tc = 25°C
10 ms*
1 ms*
100 ms*
VCEO max
3
0.3
3
30
100
300
10
0.003
0.001
100 µs*
10 µs*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com