Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5550 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5550
Description  High-Speed Switching Application for Inverter Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5550 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5550 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC5550
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5550
High-Speed Switching Application for Inverter Lighting
System
• Suitable for RCC circuit (guaranteed small current hFE)
: hFE = 13 (min) (IC = 1 mA)
• High speed: tr = 0.5 µs (max), tf = 0.3 µs (max) (IC = 0.24 A)
• High breakdown voltage: VCEO = 400 V
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
400
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7
V
DC
IC
1
Collector current
Pulse
ICP
2
A
Base current
IB
0.5
A
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC5550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
More results

Similar Description - 2SC5550

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5549 TOSHIBA-2SC5549 Datasheet
172Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATIONS FOR INVERTER LIGHTING SYSTEM)
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
2SC5549 TOSHIBA-2SC5549_04 Datasheet
150Kb / 5P
High-Speed Switching Application for Inverter Lighting
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
High speed switching application
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com