Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC172 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC172
Description  2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC172 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC172 Datasheet HTML 2Page - Semtech Corporation SC172 Datasheet HTML 3Page - Semtech Corporation SC172 Datasheet HTML 4Page - Semtech Corporation SC172 Datasheet HTML 5Page - Semtech Corporation SC172 Datasheet HTML 6Page - Semtech Corporation SC172 Datasheet HTML 7Page - Semtech Corporation SC172 Datasheet HTML 8Page - Semtech Corporation SC172 Datasheet HTML 9Page - Semtech Corporation SC172 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
© 2010 Semtech Corporation
Pin Descriptions (MLPD-10)
Pin #
Pin Name
Pin Function
1
BST
Bootstrap pin. A capacitor is connected between BST to LX to develop the floating voltage for the
high-side gate drive.
2
VIN
Power input supply voltage.
3
LX
Switching (Phase) node.
4
PGND
Power ground.
5
PGOOD
Open-drain Power Good indicator. High impedance indicates power is good. An external pull-up
resistor is required.
6
FB
Feedback input for switching regulator. Connect to an external resistor divider from the output to
program the output voltage.
7
EN/PSV
Tri-state pin. Enable input for switching regulator. Pull EN/PSV high to enable the part with power
save mode enabled. Connect EN/PSV to AGND to disable the switching regulator. Leave EN/PSV
floating to enable the IC in forced continuous conduction mode.
8
TON
On-time set input. Set the on-time by a series resistor to AGND.
9
AGND
Analog Ground.
10
VDD
Input power for internal control circuit. Needs 1mF decoupling capacitor from this pin to AGND.
PAD
Thermal pad for heatsinking purposes. Connect to ground plane using multiple vias. Not con-
nected internally.
6
SC172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com