Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC172 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC172
Description  2A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC172 Datasheet(HTML) 1 Page - Semtech Corporation

  SC172 Datasheet HTML 1Page - Semtech Corporation SC172 Datasheet HTML 2Page - Semtech Corporation SC172 Datasheet HTML 3Page - Semtech Corporation SC172 Datasheet HTML 4Page - Semtech Corporation SC172 Datasheet HTML 5Page - Semtech Corporation SC172 Datasheet HTML 6Page - Semtech Corporation SC172 Datasheet HTML 7Page - Semtech Corporation SC172 Datasheet HTML 8Page - Semtech Corporation SC172 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
© 2010 Semtech Corporation
October 11 , 2010
Description
V
IN: 3V to 5.5V
V
OUT: 0.75V to 95% x VIN
I
OUT: Up to 2A
Low R
DS(ON) Switches
Up to 95% Peak Efficiency
High Output Accuracy
Small Ceramic Capacitors
Power Good Pin (Open-Drain)
Patented Adaptive On-Time Control:
Excellent Transient Response
Programmable Pseudo-fixed Frequency
Fault Protection Features:
Cycle-by-Cycle Current Limit
Short Circuit Protection
Over and Under Output Voltage Protection
Over-Temperature
Internal Soft start
Ultrasonic Power Save
Smart Power Save
Ultra-Small Lead-Free 3x3mm, 10-Pin MLPD Package
Fully WEEE and RoHS Compliant
Applications
Networking Equipment, Embedded Systems
Medical Equipment, Office Automation
Instrumentation, Portable Systems
Consumer Devices (DTV, Set-top Box, ... )
5V POL Converters
The SC172 is an integrated, synchronous 2A EcoSpeedTM
step-down regulator, which incorporates Semtech’s
advanced, patented adaptive on-time architecture to
achieve best-in-class performance in dynamic point-of-
load applications. The input voltage range is 3V to 5.5V
with a programmable output voltage from 0.75V up to
95% x V
IN. The device features low-RDS(ON) internal switch-
es and optional PSAVE mode for high efficiency across
the output load range.
Adaptive on-time control provides programmable pseu-
do-fixed frequency operation and excellent transient
performance. The switching frequency can be set from
200kHz to 1MHz - allowing the designer to reduce exter-
nal LC filtering and minimize light load (standby) losses.
Disabling PSAVE operation reduces output voltage ripple
at light load for ceramic output capacitors.
Additional features include cycle-by-cycle current limit,
soft start, input UVLO and output OV protection, and
over temperature protection. The open-drain PGOOD
pin provides output status. Standby current is less than
10μA when disabled.
The device is available in a low profile, thermally en-
hanced MLPD-3x3mm 10-pin package.
Features
SC172
3 to 5.5V
VIN
EN/PSV
PGND
Enable /
Power Save
AGND
LX
VDD
Power Good
FB
PGOOD
BST
TON
VOUT = 0.75V to 95% VIN
2A EcoSpeedTM Synchronous Step-Down
Regulator with Optional Ultrasonic Power Save
SC172
POWER MANAGEMENT
1
Typical Application Circuit


Similar Part No. - SC172

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC172MLTRT SEMTECH-SC172MLTRT Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
More results

Similar Description - SC172

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC173 SEMTECH-SC173 Datasheet
717Kb / 27P
3A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC174 SEMTECH-SC174 Datasheet
718Kb / 27P
4A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC171 SEMTECH-SC171_10 Datasheet
622Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
SC173A SEMTECH-SC173A Datasheet
663Kb / 26P
3A EcoSpeedTM Synchronous Step-Down Regulator with Automatic Power Save
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC172MLTRT SEMTECH-SC172MLTRT Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
SC3303MLTRT SEMTECH-SC3303MLTRT Datasheet
516Kb / 26P
3A EcoSpeed Step-Down Regulator with LDO and Ultrasonic Power Save
SC171 SEMTECH-SC171_16 Datasheet
590Kb / 27P
Regulator with Optional Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC171 SEMTECH-SC171 Datasheet
590Kb / 27P
1A EcoSpeedTM Synchronous Step-Down Regulator with Optional Ultrasonic Power Save
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com